Electronic Components Datasheet Search
  English  ▼

X  

LM2794 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2794
Description  Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2794 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2794 Datasheet HTML 5Page - National Semiconductor (TI) LM2794 Datasheet HTML 6Page - National Semiconductor (TI) LM2794 Datasheet HTML 7Page - National Semiconductor (TI) LM2794 Datasheet HTML 8Page - National Semiconductor (TI) LM2794 Datasheet HTML 9Page - National Semiconductor (TI) LM2794 Datasheet HTML 10Page - National Semiconductor (TI) LM2794 Datasheet HTML 11Page - National Semiconductor (TI) LM2794 Datasheet HTML 12Page - National Semiconductor (TI) LM2794 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Functional Block Diagram
20028530
Application Information
CIRCUIT DESCRIPTION
The LM2794/5 is a 1.5x/1x CMOS charge pump with four
matched constant current outputs, each capable of driving
up to 20mA through White LEDs. This device operates over
the extended Li-Ion battery range from 2.7V to 5.5V. The
LM2794/5 has four regulated current sources connected to
the device’s 1.5x charge pump output (P
OUT). At input volt-
ages below 4.7V (typ.), the charge-pump provides the
needed voltage to drive high forward voltage drop White
LEDs. It does this by stepping up the P
OUT voltage 1.5 times
the input voltage. The charge pump operates in Pass Mode,
providing a voltage on P
OUT equal to the input voltage, when
the input voltage is at or above 4.7V (typ.). The device can
drive up to 80mA through any combination of LEDs con-
nected to the constant current outputs D
1-D4.
To set the LED drive current, the device uses a resistor
connected to the I
SET pin to set a reference current. This
reference current is then multiplied and mirrored to each
constant current output. The LED brightness can then be
controlled by analog and/or digital methods. Applying an
analog voltage in the range of 0V to 3.0V to the Brightness
pin (BRGT) adjusts the dimming profile of the LEDs. The
digital technique uses a PWM (Pulse Width Modulation)
signal applied to the Shutdown pin (SD). (see I
SET and
BRGT PINS section).
SOFT START
Soft start is implemented internally by ramping the reference
voltage more slowly than the applied voltage. During soft
start, the current through the LED outputs will ramp up in
proportion to the rate that the reference voltage is being
ramped up.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com