Electronic Components Datasheet Search
  English  ▼

X  

USB2507 Datasheet(PDF) 31 Page - Microchip Technology

Part # USB2507
Description  Integrated USB 2.0 Compatible 7-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2507 Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB2507 Datasheet HTML 27Page - Microchip Technology USB2507 Datasheet HTML 28Page - Microchip Technology USB2507 Datasheet HTML 29Page - Microchip Technology USB2507 Datasheet HTML 30Page - Microchip Technology USB2507 Datasheet HTML 31Page - Microchip Technology USB2507 Datasheet HTML 32Page - Microchip Technology USB2507 Datasheet HTML 33Page - Microchip Technology USB2507 Datasheet HTML 34Page - Microchip Technology USB2507 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
 2007 - 2016 Microchip Technology Inc.
DS000002251A-page 31
USB2507
7.0
DC PARAMETERS
7.1
Maximum Ratings
7.2
Recommended Operating Conditions
Parameter
Symbol
MIN
MAX
Units
Comments
Storage
Temperature
TA
-55
150
°C
Lead
Temperature
325
°C
Soldering < 10 seconds
1.8V supply
voltage
VDDA18PLL
VDD18
-0.5
2.5
V
3.3V supply
voltage
VDDA33
VDDA33PLL
VDD33
VDD33CR
-0.5
4.0
V
Voltage on any
I/O pin
-0.5
(3.3V supply voltage + 2)
6V
Voltage on
XTAL1
-0.5
4.0
V
Voltage on
XTAL2
-0.5
VDD18 + 0.3V
V
Note:
Stresses above the specified parameters could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any condition above those indicated in the operation
sections of this specification is not implied. When powering this device from laboratory or system power
supplies, it is important that the Absolute Maximum Ratings not be exceeded or device failure can result.
Some power supplies exhibit voltage spikes on their outputs when the AC power is switched on or off. In
addition, voltage transients on the AC power line may appear on the DC output. When this possibility exists,
it is suggested that a clamp circuit be used.
Parameter
Symbol
MIN
MAX
Units
Comments
Operating Temperature
TA
070
°C
1.8V supply voltage
VDDA18PLL
VDD18
1.62
1.98
V
3.3V supply voltage
VDDA33
VDDA33PLL
VDD33
VDD33CR
3.0
3.6
V
Voltage on any I/O pin
-0.3
5.5
V
If any 3.3V supply voltage drops
below 3.0V, then the MAX
becomes:
(3.3V supply voltage + 0.5)
Voltage on XTAL1
-0.3
VDDA33
V
Voltage on XTAL2
-0.3
VDD18
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com