Electronic Components Datasheet Search
  English  ▼

X  

USB2507 Datasheet(PDF) 35 Page - Microchip Technology

Part # USB2507
Description  Integrated USB 2.0 Compatible 7-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2507 Datasheet(HTML) 35 Page - Microchip Technology

Back Button USB2507 Datasheet HTML 31Page - Microchip Technology USB2507 Datasheet HTML 32Page - Microchip Technology USB2507 Datasheet HTML 33Page - Microchip Technology USB2507 Datasheet HTML 34Page - Microchip Technology USB2507 Datasheet HTML 35Page - Microchip Technology USB2507 Datasheet HTML 36Page - Microchip Technology USB2507 Datasheet HTML 37Page - Microchip Technology USB2507 Datasheet HTML 38Page - Microchip Technology USB2507 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
 2007 - 2016 Microchip Technology Inc.
DS000002251A-page 35
USB2507
8.0
AC SPECIFICATIONS
8.1
Oscillator/Clock
Crystal: Parallel Resonant, Fundamental Mode, 24 MHz
100ppm.
External Clock: 50% Duty cycle
 10%, 24 MHz  100ppm, Jitter < 100ps rms.
8.1.1
SMBUS INTERFACE:
The Microchip Hub conforms to all voltage, power, and timing characteristics and specifications as set forth in the
SMBus 1.0 Specification for Slave-Only devices (except as noted in Section 5.3).
8.1.2
I2C EEPROM:
Frequency is fixed at 59KHz

8.1.3
USB 2.0
The Hub conforms to all voltage, power, and timing characteristics and specifications as set forth in the USB 2.0 Spec-
ification. Please refer to the USB Specification for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com