Electronic Components Datasheet Search
  English  ▼

X  

USB2507 Datasheet(PDF) 34 Page - Microchip Technology

Part # USB2507
Description  Integrated USB 2.0 Compatible 7-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2507 Datasheet(HTML) 34 Page - Microchip Technology

Back Button USB2507 Datasheet HTML 30Page - Microchip Technology USB2507 Datasheet HTML 31Page - Microchip Technology USB2507 Datasheet HTML 32Page - Microchip Technology USB2507 Datasheet HTML 33Page - Microchip Technology USB2507 Datasheet HTML 34Page - Microchip Technology USB2507 Datasheet HTML 35Page - Microchip Technology USB2507 Datasheet HTML 36Page - Microchip Technology USB2507 Datasheet HTML 37Page - Microchip Technology USB2507 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
USB2507
DS000002251A-page 34
 2007 - 2016 Microchip Technology Inc.
CAPACITANCE TA = 25°C; fc = 1MHz; VDD33 = 3.3V
Power Sequencing
There are no power supply sequence restrictions for the Hub. The order in which power supplies power-up and power-
down is implementation dependent.
Limits
Parameter
Symbol
MIN
TYP
MAX
Unit
Test Condition
Clock Input Capacitance
CIN
12
pF
All pins except USB pins (and pins under
test tied to AC ground)
Input Capacitance
CIN
8pF
Output Capacitance
COUT
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com