Electronic Components Datasheet Search
  English  ▼

X  

USB2507 Datasheet(PDF) 33 Page - Microchip Technology

Part # USB2507
Description  Integrated USB 2.0 Compatible 7-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2507 Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB2507 Datasheet HTML 29Page - Microchip Technology USB2507 Datasheet HTML 30Page - Microchip Technology USB2507 Datasheet HTML 31Page - Microchip Technology USB2507 Datasheet HTML 32Page - Microchip Technology USB2507 Datasheet HTML 33Page - Microchip Technology USB2507 Datasheet HTML 34Page - Microchip Technology USB2507 Datasheet HTML 35Page - Microchip Technology USB2507 Datasheet HTML 36Page - Microchip Technology USB2507 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
 2007 - 2016 Microchip Technology Inc.
DS000002251A-page 33
USB2507
Note 1: Output leakage is measured with the current pins in high impedance.
2: See USB 2.0 Specification for USB DC electrical characteristics.
3: RBIAS is a 3.3V tolerant analog pin.
I/OSD12 Type Buffer
Low Output Level
Output Leakage
Hysteresis
VOL
IOL
VHYSI
-10
250
300
0.4
+10
350
V
µA
mV
IOL = 12 mA @ VDD33 = 3.3V
VIN = 0 to VDD33
(Note 1)
IO-U
(Note 2)
I-R
(Note 3)
Supply Current Unconfigured
High-Speed Host
Full-Speed Host
ICCINIT
ICCINIT
100
90
mA
mA
Supply Current
Configured
(High-Speed Host)
2 Ports @ FS/LS
2 Ports @ HS
1 Port HS, 1 Port FS/LS
4 Ports @ HS
7 Ports @ HS
IHCC2
IHCH2
IHCH1C1
IHCC4
IHCC7
180
240
225
300
360
mA
mA
mA
mA
mA
Total from all supplies
Supply Current
Configured
(Full-Speed Host)
1 Port
2 Ports
3 Ports
4 Ports
7 Ports
IFCC1
IFCC2
IFCC3
IFCC4
IFCC7
175
175
175
175
175
mA
mA
mA
mA
mA
Total from all supplies
Supply Current
Suspend
ICSBY
225
uA
Total from all supplies.
TABLE 7-1:
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameter
Symbol
MIN
TYP
MAX
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com