Electronic Components Datasheet Search
  English  ▼

X  

USB2507 Datasheet(PDF) 32 Page - Microchip Technology

Part # USB2507
Description  Integrated USB 2.0 Compatible 7-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2507 Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB2507 Datasheet HTML 28Page - Microchip Technology USB2507 Datasheet HTML 29Page - Microchip Technology USB2507 Datasheet HTML 30Page - Microchip Technology USB2507 Datasheet HTML 31Page - Microchip Technology USB2507 Datasheet HTML 32Page - Microchip Technology USB2507 Datasheet HTML 33Page - Microchip Technology USB2507 Datasheet HTML 34Page - Microchip Technology USB2507 Datasheet HTML 35Page - Microchip Technology USB2507 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
USB2507
DS000002251A-page 32
 2007 - 2016 Microchip Technology Inc.
TABLE 7-1:
DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
MIN
TYP
MAX
Units
Comments
I, IS Type Input Buffer
Low Input Level
High Input Level
Input Leakage
Hysteresis (‘IS’ Only)
VILI
VIHI
IIL
VHYSI
2.0
-10
250
300
0.8
+10
350
V
V
uA
mV
TTL Levels
VIN = 0 to VDD33
Input
Buffer
with
Pull-Up
(IPU)
Low Input Level
High Input Level
Low Input Leakage
High Input Leakage
VILI
VIHI
IILL
IIHL
2.0
+26
-10
0.8
+72
+10
V
V
uA
uA
TTL Levels
VIN = 0
VIN = VDD33
Input Buffer with Pull-Down
IPD
Low Input Level
High Input Level
Low Input Leakage
High Input Leakage
VILI
VIHI
IILL
IIHL
2.0
+10
-22
0.8
-10
-82
V
V
uA
uA
TTL Levels
VIN = 0
VIN = VDD33
ICLK Input Buffer
Low Input Level
High Input Level
Input Leakage
Hysteresis
VILCK
VIHCK
IIL
VHYSC
2.0
-10
50
0.8
+10
100
V
V
uA
mV
TTL Levels
VIN = 0 to VDD33
O12 and I/O12 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
0.4
+10
V
V
uA
IOL = 12mA @ VDD33 = 3.3V
IOH = -4mA @ VDD33 = 3.3V
VIN = 0 to VDD33
(Note 1)
OD12 Type Buffer
Low Output Level
Output Leakage
VOL
IOL
-10
0.4
+10
V
µA
IOL = 12mA @ VDD33 = 3.3V
VIN = 0 to VDD33
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com