Electronic Components Datasheet Search
  English  ▼

X  

TLE7186F Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE7186F
Description  System IC for B6 motor drives
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7186F Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE7186F Datasheet HTML 22Page - Infineon Technologies AG TLE7186F Datasheet HTML 23Page - Infineon Technologies AG TLE7186F Datasheet HTML 24Page - Infineon Technologies AG TLE7186F Datasheet HTML 25Page - Infineon Technologies AG TLE7186F Datasheet HTML 26Page - Infineon Technologies AG TLE7186F Datasheet HTML 27Page - Infineon Technologies AG TLE7186F Datasheet HTML 28Page - Infineon Technologies AG TLE7186F Datasheet HTML 29Page - Infineon Technologies AG TLE7186F Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Data Sheet
26
Rev. 1.2, 2016-01-28
TLE7186F
Description of Modes, Protection and Diagnostic Functions
3. If a VREG Under Voltage Shut Down occurs and no Over Temperature Prewarning is present, the device will
go to VREG Shut-down Mode.
4. If VDD Under Voltage Shut Down occurs or a VREG Under Voltage Shut Down together with a Over
Temperature Prewarning occurs, the device will go into Deadlock Mode.
5. If one or more of the following errors occur, the device goes to the Error Mode: VREG Under Voltage Shut
Down, VDD Under Voltage Shut Down, Over Current Shut Down, VDH Over Voltage Shut Down, IOV Over
Voltage Shut Down, Short Circuit Detection or SCDL Open Detection.
Go-To-Sleep Mode
The Go-To-Sleep Mode can be reached in 2 different ways:
1. The device is in Normal Mode and RGS is set to low for a time longer than
t
sleep.
2. The device is in VREG Shut-down Mode and RGS is set to low for a time longer than
t
sleep.
In this mode all external MOSFETs are actively or passively switched off. An Error is set and is shown as long as
VDD is sufficient high. In this mode VDD and VREG is switched off. As soon as VDD voltage reaches the
V
VDDsleep
level the IC goes into the Sleep Mode.
Normal Mode with Over Temperature Prewarning
This mode can be reached in 2 different ways:
1. The device is in Error Mode, the chip temperature is above the prewarning level while a reset is performed by
the RGS pin.
2. The device is in Normal Mode and the chip temperature increases above the prewarning level.
In this mode all functions are active and available. The gate drive output stages can be controlled with the input
pins with the regular limitations of the bootstrap principle.
The ERR pin is set to low and this error is latched.
There are 3 possibilities to leave this mode:
1. This mode can be left into the Normal Mode by applying a reset at RGS if the temperature has dropped below
the Over Temperature pre-warning level.
2. The device goes into Error Mode if one of the following errors occurs: VREG Under Voltage Shut Down, VDD
Under Voltage Shut Down, Over Current Shut Down, VDH Over Voltage Shut Down, IOV Over Voltage Shut
Down, Short Circuit Detection or SCDL Open Detection.
3. The device goes into Deadlock Mode if either a VREG Under Voltage Shut Down or a VDD Under Voltage Shut
Down occurs.
If the temperature is still in the pre-warning range and RGS is low, the ERR pin gets high only during the time were
RGS is low and the IC stays in the “Normal Mode with Over Temperature Prewarning”.
Deadlock Mode
This mode is intended to prevent the IC for long time toggling in Over Temperature if a short is present at the VDD
pin.
There are 4 ways to enter this mode:
1. The IC is in Error Mode and a VDD Under Voltage Shut Down occurs or a VREG Under Voltage Shut Down
together with a Over Temperature Prewarning occurs
2. The IC is in Normal Mode with Over Temperature Prewarning and a VDD Under Voltage Shut Down or a VREG
Under Voltage Shut Down occurs.
3. The IC is in Normal Mode and a VDD Under Voltage Shut Down occurs or a VREG Under Voltage Shut Down
together with a Over Temperature Prewarning occurs.
4. The IC is in VREG Shut Down Mode and a VDD Under Voltage Shut Down or a Over Temperature Prewarning
occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com