Electronic Components Datasheet Search
  English  ▼

X  

TLE7186F Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE7186F
Description  System IC for B6 motor drives
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7186F Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE7186F Datasheet HTML 11Page - Infineon Technologies AG TLE7186F Datasheet HTML 12Page - Infineon Technologies AG TLE7186F Datasheet HTML 13Page - Infineon Technologies AG TLE7186F Datasheet HTML 14Page - Infineon Technologies AG TLE7186F Datasheet HTML 15Page - Infineon Technologies AG TLE7186F Datasheet HTML 16Page - Infineon Technologies AG TLE7186F Datasheet HTML 17Page - Infineon Technologies AG TLE7186F Datasheet HTML 18Page - Infineon Technologies AG TLE7186F Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
TLE7186F
MOSFET Driver
Data Sheet
15
Rev. 1.2, 2016-01-28
5.5.21
Input propagation time (low on)
t
P(ILN)
50
–
200
ns
C
Load=11nF;
R
Load=1Ω
5.5.22
Input propagation time (low off)
t
P(ILF)
50
–
200
ns
5.5.23
Input propagation time (high on)
t
P(IHN)
50
–
200
ns
5.5.24
Input propagation time (high off)
t
P(IHF)
50
–
200
ns
5.5.25
Absolute input propagation time
difference between above
propagation times
t
P(diff)
––
100
ns
VREG
5.5.26
VREG output voltage
V
VREG
11
12.5
14
V
V
VS >= 13,5V;
I
load=37,5mA
5.5.27
VREG over current limitation
I
VREGOCL
100
–
500
mA
no activation of
error;
V
VREG>VVRSD
5.5.28
Voltage drop between Vs and
VREG
V
VsVREG
––
0.5
V
V
VS>= 7V;
I
load=37,5mA;
Ron operation
1)
R
Load and CLoad in series
2) Not subject to production test; specified by design
3) Values above 33V not subjected to production test; specified by design
4)
V
diode is the bulk diode of the external low side MOSFET
5) see Chapter 9.2.15
Electrical Characteristics MOSFET Drivers
V
S = 7.0 to 33 V, Tj = -40 °C to +150 °C all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)1)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com