Electronic Components Datasheet Search
  English  ▼

X  

TLE7186F Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE7186F
Description  System IC for B6 motor drives
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7186F Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE7186F Datasheet HTML 26Page - Infineon Technologies AG TLE7186F Datasheet HTML 27Page - Infineon Technologies AG TLE7186F Datasheet HTML 28Page - Infineon Technologies AG TLE7186F Datasheet HTML 29Page - Infineon Technologies AG TLE7186F Datasheet HTML 30Page - Infineon Technologies AG TLE7186F Datasheet HTML 31Page - Infineon Technologies AG TLE7186F Datasheet HTML 32Page - Infineon Technologies AG TLE7186F Datasheet HTML 33Page - Infineon Technologies AG TLE7186F Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Data Sheet
30
Rev. 1.2, 2016-01-28
TLE7186F
Description of Modes, Protection and Diagnostic Functions
If the command to switch on both high and low side switches in the same half bridge is given at the input pins, the
command will be ignored. The outputs will stay in the state like before the conflicting input.
9.2.11
Short Circuit Protection (SCP)
The TLE7186F provides a short circuit protection for the external MOSFETs. It is monitoring the drain-source
voltage of the external MOSFETs. (see Figure 3 )
The drain-source voltage monitoring for a certain external MOSFET is active as soon as the corresponding driver
output stage is set to “on” and the dead time and the blanking time is expired.
The blanking time starts when the dead time is expired and assures that the switch on process of the MOSFET is
not taken into account. It is recommended to keep the switching times of the MOSFETs below the blanking time.
The short circuit detection level is adjustable in an analogue way by the voltage setting at the SCDL pin. There is
a 1:1 translation between the voltage applied to the SCDL pin and the drain-source voltage limit. E.g. to trigger the
SCD circuit at 1 V drain-source voltage, the SCDL pin must be set to 1 V as well. The drain-source voltage limit
can be chosen between 0.3 ... 2 V.
In the case that after the expiration of the blanking time the drain source voltage of the observed MOSFET is still
higher then the SCDL level, the SCD filter time
t
SCP starts to run. A capacitor is charged with a current. If the
capacitor voltage reaches a specific level (filter time
t
SCP), the error signal is set and the IC goes into Error Mode.
If the SCD condition is removed before the SC is detected, the capacitor is discharged with the same current. The
discharging of the capacitor happens as well when the MOSFET is switched off. It has to be considered that the
high side and the low side outputs of one phase are working with the same capacitor.
9.2.12
SCDL Pin Open Detection (SCDL_open)
For safety reasons a pull-up resistor at the SCDL pin assures that in case of an open pin the SCDL voltage is
pulled to a high level. In this case an error is set and the IC goes into Error Mode.
9.2.13
Over Current Shut Down (OCSD)
The TLE7186F is monitoring the output signal of the operational amplifier. If the output signal reaches a specified
level close to the upper rail (VDD) for a specified time, the System IC detects an over current condition and sets
an error signal. The driver output pulls down the gate-source voltage of all external MOSFETs actively and stays
in the Error Mode.
9.2.14
VDD Current Limitation
The TLE7186F has an integrated voltage supply for an external µC. The output current of the supply is limited to
a specified value. This limitation does not cause any error reporting. In this situation a VDD Under Voltage
detection is likely. If the current is limited for a longer time, the Over Temperature protection will react.
9.2.15
Passive Gxx Clamping
If VS Under Voltage Lock Out is detected or the device is in Sleep Mode, a passive clamping is active as long as
the voltage at VS or VDH is higher than 3V. Even below 3V it is assured that the MOSFET driver stage will not
switch on the MOSFET actively.
The passive clamping means that the BHx and the VREG pin are pulled to GND with specified pull down resistors.
Together with the intrinsic diode of the push stage of the output stages which connect the gate output to BHx
respectively VREG, this assures that the gate of the external MOSFETs are not floating.
9.3
ERR Pin
The TLE7186F has a status pin to provide diagnostic feedback to the µC. The logical output of this pin is an open
drain output with integrated pull-down resistor to GND (see Figure 12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com