Electronic Components Datasheet Search
  English  ▼

X  

TLE7186F Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLE7186F
Description  System IC for B6 motor drives
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7186F Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLE7186F Datasheet HTML 27Page - Infineon Technologies AG TLE7186F Datasheet HTML 28Page - Infineon Technologies AG TLE7186F Datasheet HTML 29Page - Infineon Technologies AG TLE7186F Datasheet HTML 30Page - Infineon Technologies AG TLE7186F Datasheet HTML 31Page - Infineon Technologies AG TLE7186F Datasheet HTML 32Page - Infineon Technologies AG TLE7186F Datasheet HTML 33Page - Infineon Technologies AG TLE7186F Datasheet HTML 34Page - Infineon Technologies AG TLE7186F Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
TLE7186F
Description of Modes, Protection and Diagnostic Functions
Data Sheet
31
Rev. 1.2, 2016-01-28
Reset of error registers and Disable
The TLE7186F can be reset by the enable pin RGS. If the RGS pin is pulled to low for a specified minimum time,
the error registers are cleared. If the error is still existing when the RGS pin is pulled to low, no reset will be
performed and the ERR pin stays low. The only exemption of this behavior is the Over Temperature Prewarning.
Even if the junction temperature is exceeding the over temperature prewarning level, the error signal goes to high
when RGS is pulled low.
Figure 13 describes the timing behavior during error reset:
For more details see description of Error Mode and Normal Mode with Over Temperature Pre-Warning in
Chapter 9.1.
Figure 12
Structure of ERR output
Figure 13
Enable / Disable timing
Error
Logic
uC
Interface_uC
GND
internal
Internal
5V
ERR
GND
Error occurs
No driver
reset
tnres-min
tres-min
undefined
TLE 7184 F
releases signal
5V
0V
ERR
5V
0V
RGS
tsleep
Error reset
Normal operation
Sleep mode
Short glitches are
ignored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com