Electronic Components Datasheet Search
  English  ▼

X  

TLE7184F Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE7184F
Description  System IC for B6 motor drives
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7184F Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE7184F Datasheet HTML 28Page - Infineon Technologies AG TLE7184F Datasheet HTML 29Page - Infineon Technologies AG TLE7184F Datasheet HTML 30Page - Infineon Technologies AG TLE7184F Datasheet HTML 31Page - Infineon Technologies AG TLE7184F Datasheet HTML 32Page - Infineon Technologies AG TLE7184F Datasheet HTML 33Page - Infineon Technologies AG TLE7184F Datasheet HTML 34Page - Infineon Technologies AG TLE7184F Datasheet HTML 35Page - Infineon Technologies AG TLE7184F Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Data Sheet
32
Rev. 1.2, 2016-01-28
TLE7184F
Description of Modes, Protection and Diagnostic Functions
9.4
Electrical Characteristics
Electrical Characteristics - Protection and diagnostic functions
V
S = 7.0 to 33V, Tj = -40 °C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Dead time
9.4.1
Programmable internal dead time
t
DT
0.095
0.29
0.85
1.2
2.1
0.14
0.42
1.21
1.88
3.62
0.18
0.55
1.55
2.6
5.1
µs
R
DT=0 Ω
R
DT=10 kΩ
R
DT=47 kΩ
R
DT=100 kΩ
R
DT=1000 kΩ
9.4.2
Max. internal dead time
t
DT_MAX
2.0
4.0
6.0
µs
DT pin open
9.4.3
Dead time deviation between
channels
d
tDT
-20
–
20
%
–
-15
–
15
%
R
DT<=47 kΩ
9.4.4
Dead time deviation between
channels LSoff -> HS on
d
tDTH
-14
–
14
%
–
-12
–
12
%
R
DT<=47 kΩ
9.4.5
Dead time deviation between
channels HSoff -> LS on
d
tDTL
-14
–
14
%
–
-12
–
12
%
R
DT<=47 kΩ
Short circuit protection
9.4.6
Short circuit protection detection
level
V
SCPDL
0.3
–
2
V
programmed by
SCDL pin
9.4.7
Short circuit protection detection
Accuracy
A
SCP
-20
–
+20
%
0.3V<=
V
SCDL<0.9V
9.4.8
Short circuit protection detection
Accuracy
A
SCP
-10
–
+10
%
0.9V<=
V
SCDL<=2.0V
9.4.9
Filter time of short circuit protection
t
SCP(off)
2.3
–
4.3
µs
Ixx static on
9.4.10
Blanking time plus filter time of
short circuit detection
t
SCPTT
4
–
8
µs
Ixx switching “off”
to “on”
9.4.11
Internal pull-up resistor SCDL to
VDD
R
SCDL
180
300
420
k
Ω
–
9.4.12
SCDL open pin detection level
V
SCPOP
2.0
–
2.5
V
–
9.4.13
Filter time of SCDL open pin
t
SCPOP
1–
3.4
µs
–
9.4.14
SCDL open pin detection level
hysteresis2)
V
SCOPH
–0.3
–
V
–
Over- and Under Voltage monitoring
9.4.15
Over Voltage shut down at IOV
V
OVIOV
4.15
–
4.4
V
IOV voltage
increasing
9.4.16
Pull down resistor at IOV to GND
R
IOV
300
–
700
k
Ω
–
9.4.17
Over Voltage shut down at VDH
V
OVVDH
33
–
37
V
VDH increasing
9.4.18
Over Voltage shut down filter time
for IOV or VDH
t
OV
13
–
23
µs
–
9.4.19
Under Voltage diagnosis at VREG
V
UVVR
5.5
–
6.5
V
VREG decreasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com