Electronic Components Datasheet Search
  English  ▼

X  

TLE7184F Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE7184F
Description  System IC for B6 motor drives
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7184F Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE7184F Datasheet HTML 29Page - Infineon Technologies AG TLE7184F Datasheet HTML 30Page - Infineon Technologies AG TLE7184F Datasheet HTML 31Page - Infineon Technologies AG TLE7184F Datasheet HTML 32Page - Infineon Technologies AG TLE7184F Datasheet HTML 33Page - Infineon Technologies AG TLE7184F Datasheet HTML 34Page - Infineon Technologies AG TLE7184F Datasheet HTML 35Page - Infineon Technologies AG TLE7184F Datasheet HTML 36Page - Infineon Technologies AG TLE7184F Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
TLE7184F
Description of Modes, Protection and Diagnostic Functions
Data Sheet
33
Rev. 1.2, 2016-01-28
9.4.20
Under Voltage diagnosis filter time
for VREG
t
UVVR
10
–
30
µs
–
9.4.21
Under Voltage shut down at VREG
V
VRSD
1.5
–
2.3
V
VREG decreasing
9.4.22
Under Voltage lockout at VS
V
VSLO
4.4
5.0
5.5
V
V
VS decreasing
9.4.23
Under Voltage lockout filter time for
VS
t
UVLO
1
–3µs
–
ERR pin1)
9.4.24
ERR output voltage
V
ERR
4.4
–
–
V
No external load
9.4.25
Rise time ERR (20 - 80% of internal
5V)
t
f(ERR)
––
3.5
µs
C
LOAD=1nF;
9.4.26
Internal pull-down resistor ERR to
GND
R
f(ERR)
21.2
–
60
k
Ω
–
Reset and Enable
9.4.27
Low time of uC RGS signal without
reset
t
nres
––
0.5
µs
–
9.4.28
Low time of uC RGS pin necessary
to trigger reset and to clear error
registers
t
res
3
––µs
–
Wake-up and go-to-sleep
9.4.29
Low level input voltage of RGS
V
RGSLL
––
1.6
V
–
9.4.30
High level input voltage of RGS
V
RGSHL
2.8
––V
–
9.4.31
Input hysteresis of RGS2)
d
RGS
100
––mV
–
9.4.32
RGS pull-down resistors to GND
R
RGS
100
–
210
k
Ω
–
9.4.33
Low level input voltage of INH3) for
wake up
V
INHL
–
–
0.75
V
–
9.4.34
High level input voltage of INH3) for
wake up
V
INHH
2.1
––V
–
9.4.35
INH high time to guarantee wake-
up
t
IHhigh
100
––µs
–
9.4.36
INH pull-down resistors to GND
R
INH
100
–
210
k
Ω
–
9.4.37
Wake up delay time
t
wake
9–
17
ms
9.4.38
RGS low time for go-to-sleep
t
sleep
20
–
50
µs
9.4.39
V
DD voltage for changing
from Go-to-Sleep Mode to Sleep
Mode
V
DDsleep
1.5
–
2.3
V
–
9.4.40
V
DD Under Voltage Shut Down
V
UVSDVDD
1.5
–
2.3
V
–
1) ERR pin and Reset & Enable functional between
V
VS=6 ... 7V, but characteristics might be out of specified range
2) Not subject to production test; specified by design
3) These levels are valid for wake up of the IC. The input levels for INH deciding the output state of INHD are shown in
Chapter 8.4
Electrical Characteristics - Protection and diagnostic functions
(cont’d)
V
S = 7.0 to 33V, Tj = -40 °C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com