Electronic Components Datasheet Search
  English  ▼

X  

TLE7184F Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TLE7184F
Description  System IC for B6 motor drives
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7184F Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TLE7184F Datasheet HTML 30Page - Infineon Technologies AG TLE7184F Datasheet HTML 31Page - Infineon Technologies AG TLE7184F Datasheet HTML 32Page - Infineon Technologies AG TLE7184F Datasheet HTML 33Page - Infineon Technologies AG TLE7184F Datasheet HTML 34Page - Infineon Technologies AG TLE7184F Datasheet HTML 35Page - Infineon Technologies AG TLE7184F Datasheet HTML 36Page - Infineon Technologies AG TLE7184F Datasheet HTML 37Page - Infineon Technologies AG TLE7184F Datasheet HTML 38Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
TLE7184F
Application Description
Data Sheet
35
Rev. 1.2, 2016-01-28
10
Application Description
In the automotive sector there are more and more applications requiring high performance motor drives, such as
HVAC fans, engine cooling fans, pumps etc... In these applications synchronous and asynchronous 3-phase
motors are used, combining high output performance, low space requirements and high reliability.
Figure 14
Application Circuit TLE7184F
Note: This is a simplified example of an application circuit. The function must be verified in the real application
SH1
VBAT
CBR
4,7mF
µC
GH1
GL1
VS
IL1
___
IH1
CVS
100 nF
RVS
10
Ω
GND
ISP
IL2
___
IH2
IL3
___
IH3
GND
VREG
TLE
7184
PGND
PGND
____
ERR
TEMP
ISO
Shunt
RS
RS
Rfb1
____
RGS
____
INHD
ISN
BH1
CBS1
470nF
RGH1
SH2
GH2
BH2
RGH2
CBS2
470nF
SH3
GH3
BH3
RGH3
CBS3
470nF
RGL1
GL2
RGL2
GL3
RGL3
AGND
L
2,2µH
IFMA
R
1,6k
Ω
L
2,2µH
interface
R
33
Ω
IFuC
DT
VDD
GND
AGND
AGND
RDT
CLP
SL
CBR
1µF
PGND
KL 15
R
2,2k
Ω
___
INH
VDHS
Rfb3
AGND
GND
VDH
CREG
2µF
RVDH
+
IOV
SCDL
Rfb2
R
1,2k
Ω
R
10k
Ω
TLS2
TLS3
TLS1
THS2
THS3
THS1
RSC1
RSC2
CVDD1
100nF
ROV1
ROV2
RVDH1
RVDH2
R
10k
Ω
CVDD2
2.2nF
CVS
2µF
AGND
CISO
RLP
For details of the current sense feature
please see the dedicated chapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com