Electronic Components Datasheet Search
  English  ▼

X  

TLE7184F Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # TLE7184F
Description  System IC for B6 motor drives
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7184F Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button TLE7184F Datasheet HTML 30Page - Infineon Technologies AG TLE7184F Datasheet HTML 31Page - Infineon Technologies AG TLE7184F Datasheet HTML 32Page - Infineon Technologies AG TLE7184F Datasheet HTML 33Page - Infineon Technologies AG TLE7184F Datasheet HTML 34Page - Infineon Technologies AG TLE7184F Datasheet HTML 35Page - Infineon Technologies AG TLE7184F Datasheet HTML 36Page - Infineon Technologies AG TLE7184F Datasheet HTML 37Page - Infineon Technologies AG TLE7184F Datasheet HTML 38Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Data Sheet
34
Rev. 1.2, 2016-01-28
TLE7184F
Description of Modes, Protection and Diagnostic Functions
Electrical Characteristics - Protection and diagnostic functions
V
S = 6.0 to 33V, Tj = -40 °C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Temperature monitoring
9.4.41
Over Temperature shut down
T
j(SD)
160
170
180
°C
1)–
9.4.42
Over Temperature pre-warning
T
j(PW)
130
140
150
°C
1)–
9.4.43
Difference between Over
Temperature shut down level and
Over Temperature pre-Warning
level
d
Tj(SDPW)
20
30
40
°C
1)–
9.4.44
Analog temperature output at 25°C
V
ATRT
1.32
–
1.65
V
C
load<=1.5nF;
T
j=25°C
9.4.45
Analog temperature output
coefficient
K
ATRT
4.57
–
5.20
mV/K
C
load<=1.5nF 1)
9.4.46
Analog temperature output drift
over lifetime1)
V
ATRTd
0–
+6
mV
C
load<=1.5nF
9.4.47
Analog temperature range1)
1) Not subject to production test; specified by design
T
AT
-40
–
175
°C
–
Over current detection
9.4.48
Over current detection level in% of
V
VDD
V
OCTH
92
–
96.5
%
–
9.4.49
Filter time for over current detection
t
OC
1.8
–
4.2
µs
–
Under Voltage monitoring VDD
9.4.50
Under Voltage shut down at
V
DD
2)
2) For Under Voltage detection level during go-to-sleep see VDDsleep
V
UVVDD
3.7
–
4.2
V
V
VDD decreasing
9.4.51
Under Voltage shut down filter time
t
UVVDD
15
–
45
µs
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com