Electronic Components Datasheet Search
  English  ▼

X  

TLE7184F Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE7184F
Description  System IC for B6 motor drives
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7184F Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE7184F Datasheet HTML 10Page - Infineon Technologies AG TLE7184F Datasheet HTML 11Page - Infineon Technologies AG TLE7184F Datasheet HTML 12Page - Infineon Technologies AG TLE7184F Datasheet HTML 13Page - Infineon Technologies AG TLE7184F Datasheet HTML 14Page - Infineon Technologies AG TLE7184F Datasheet HTML 15Page - Infineon Technologies AG TLE7184F Datasheet HTML 16Page - Infineon Technologies AG TLE7184F Datasheet HTML 17Page - Infineon Technologies AG TLE7184F Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Data Sheet
14
Rev. 1.2, 2016-01-28
TLE7184F
MOSFET Driver
MOSFET driver output
5.5.6
Output source resistance
R
Sou
2–
13.5
Ω
I
load=20mA
5.5.7
Output sink resistance
R
Sink
2–
9
Ω
I
load=20mA
5.5.8
High level output voltage Gxx vs.
Sxx
V
Gxx1
–11
14
V
13,5V
<=V
VS<=45V
3),
V
IOV<=VOVIOV,
V
VDH<=VOVVDH
I
load=37,5mA
5.5.9
High level output voltage GHx vs.
SHx2)
V
Gxx2
6
––V
V
Vs=8V,
C
load=20nF,
dc=95%;
f
PWM=20kHz
5.5.10
High level output voltage GHx vs.
SHx2)4)
V
Gxx3
6
+
V
diode
––V
V
Vs=8V,
C
load=20nF,
dc=95%;
f
PWM=20kHz;
passive
freewheeling
5.5.11
High level output voltage GLx vs.
GND
V
Gxx4
6.7
––V
V
VS=8V,
C
load=20nF,
dc=95%;
f
PWM=20kHz;
5.5.12
Rise time
T
j = -40°C
T
j = 150°C
t
rise
100
150
–
–
230
350
ns
C
Load=11nF;
R
Load=1Ω
V
VS=7V
20-80%
5.5.13
Fall time
T
j = -40°C
T
j = 150°C
t
fall
80
150
–
–
210
290
ns
5.5.14
High level output voltage (in
passive clamping)
V
GUV
–
–
1.2
V
sleep mode or
VS_UVLO2) 5)
5.5.15
Pull-down resistor at BHx to GND
R
BHUV
––
80
k
Ω
5.5.16
Pull-down resistor at VREG to GND
R
VRUV
––
30
k
Ω
5.5.17
Bias current into BHx
I
BH
––
150
µA
V
BHx-VSHx=5...13V;
no switching
5.5.18
Current between BHx and SHx
I
BSH
15
40
60
µA
V
BHx-VSHx=5...13V;
V
SHX = GND
5.5.19
Resistor between SHx and GND
R
SHGN
48
80
112
k
Ω
5.5.20
Bias current out of SL
I
SL
–
–
2
mA
0V<=VSH<=VS+1
V; no switching;
V
CBS>5V
Electrical Characteristics MOSFET Drivers
V
S = 7.0 to 33 V, Tj = -40 °C to +150 °C all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)1)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com