Electronic Components Datasheet Search
  English  ▼

X  

MIC2874YCS Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2874YCS
Description  1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2874YCS Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2874YCS Datasheet HTML 1Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 2Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 3Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 4Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 5Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 6Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 7Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 8Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Micrel, Inc.
MIC2874
Typical Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
Shutdown Current
vs. Temperature
F
SW = 4MHz
V
DC = 0V
170
175
180
185
190
195
200
205
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
Standby Current
vs. Temperature
F
SW = 4MHz
V
DC = 3.6V
2.2
2.3
2.4
2.5
2.6
2.7
2.8
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
UVLO Thresholds
vs. Temperature
F
SW = 4MHz
RISING
FALLING
3.80
3.85
3.90
3.95
4.00
4.05
4.10
4.15
4.20
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
Switching Frequency
vs. Temperature
V
IN = 3.6V
50
60
70
80
90
100
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
Maximum Duty Cycle
vs. Temperature
F
SW = 4MHz
V
IN = 3.6V
1.4
1.5
1.6
1.7
1.8
1.9
2.0
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
LED Short Threshold Voltage
vs. Temperature
F
SW = 4MHz
V
IN = 3.6V
1.7
1.8
1.9
2.0
2.1
2.2
2.3
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
LED Short Test Current
vs. Temperature
F
SW = 4MHz
V
IN = 3.6V
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
2.5
3.0
3.5
4.0
4.5
INPUT VOLTAGE (V)
Boost Switching Frequency
vs. Input Voltage
T
A = -40°C
T
A = 25°C
L = 0.47µH
C
OUT = 4.7µF
I
LED = 1.2A
T
A = 85°C
50
60
70
80
90
100
2.6
3.0
3.4
3.8
4.2
4.6
5.0
INPUT VOLTAGE (V)
WLED Power Efficiency
vs. Input Voltage (V
F = 3.4V)
L = 0.47µH, 30m
Ω
C
OUT = 4.7µF
LED V
F = 3.4V
I
LED =100mA
I
LED =250mA
I
LED =400mA
I
LED =600mA
I
LED =1.0A
I
LED =1.2A
August 26, 2014
5
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com