Electronic Components Datasheet Search
  English  ▼

X  

MIC2874YCS Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MIC2874YCS
Description  1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2874YCS Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MIC2874YCS Datasheet HTML 13Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 14Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 15Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 16Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 17Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 18Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 19Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 20Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Micrel, Inc.
MIC2874
Component Selection
Inductor
Inductor selection should strike a balance between
efficiency, stability, cost, size, and rated current. Since the
boost
converter
is
compensated
internally,
the
recommended inductance of L is limited from 0.47µH to
1µH to ensure system stability, and a 0.47µH inductor is
typically recommended. It is usually a good balance
between these considerations.
A large inductance value reduces the peak-to-peak
inductor ripple current hence the output ripple voltage and
the LED ripple current. This also reduces both the DC loss
and the transition loss at the same inductor’s DC
resistance (DCR). However, the DCR of an inductor
usually increases with the inductance in the same package
size. This is due to the longer windings required for an
increase in inductance. Since the majority of the input
current passes through the inductor, the higher the DCR
the lower the efficiency is, and more significantly at higher
load currents. On the other hand, inductor with smaller
DCR but the same inductance usually has a larger size.
The saturation current rating of the selected inductor must
be higher than the maximum peak inductor current to be
encountered and should be at least 20% to 30% higher
than the average inductor current at maximum output
current.
Input Capacitor
A ceramic capacitor of 4.7µF or larger with low ESR is
recommended to reduce the input voltage ripple to ensure
a clean supply voltage for the device. The input capacitor
should be placed as close as possible to the MIC2874 VIN
pin with short trace for good noise performance. X5R or
X7R type ceramic capacitors are recommended for better
tolerance over temperature. The Y5V and Z5U type
temperature
rating
ceramic
capacitors
are
not
recommended due to their large reduction in capacitance
over temperature and increased resistance at high
frequencies. These reduce their ability to filter out high-
frequency noise. The rated voltage of the input capacitor
should be at least 20% higher than the maximum
operating input voltage over the operating temperature
range.
Output Capacitor
Output capacitor selection is also a trade-off between
performance, size, and cost. Increasing output capacitor
will lead to an improved transient response, however, the
size and cost also increase. The output capacitor is
preferred in the range of 2.2µF to 10µF with ESR from
10mΩ to 50mΩ, and a 4.7µF ceramic capacitor is typically
recommended. X5R or X7R type ceramic capacitors are
recommended for better tolerance over temperature. The
Y5V
and
Z5U
type
ceramic
capacitors
are
not
recommended due to their wide variation in capacitance
over temperature and increased resistance at high
frequencies. The rated voltage of the output capacitor
should be at least 20% higher than the maximum
operating output voltage over the operating temperature
range.
Power Dissipation Consideration
As with all power devices, the ultimate current rating of the
output is limited by the thermal properties of the device
package and the PCB on which the device is mounted.
There is a simple, Ohm’s law type relationship between
thermal resistance, power dissipation and temperature
which are analogous to an electrical circuit:
Figure 5. Series Electrical Resistance Circuit
From this simple circuit we can calculate VX if we know
ISOURCE, VZ and the resistor values, RXY and RYZ using
Equation 1:
Z
YZ
XY
SOURCE
X
V
)
R
(R
I
V
+
+
×
=
Eq. 1
Thermal circuits can be considered using this same rule
and can be drawn similarly by replacing current sources
with power dissipation (in watts), resistance with thermal
resistance (in °C/W) and voltage sources with temperature
(in °C).
Figure 6. Series Thermal Resistance Circuit
Now replacing the variables in the equation for VX, we can
find
the
junction
temperature
(TJ) from the power
dissipation, ambient temperature and the known thermal
resistance of the PCB (
θ
CA) and the package (θJC).
August 26, 2014
17
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com