Electronic Components Datasheet Search
  English  ▼

X  

MIC2874YCS Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC2874YCS
Description  1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2874YCS Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC2874YCS Datasheet HTML 11Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 12Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 13Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 14Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 15Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 16Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 17Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 18Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Micrel, Inc.
MIC2874
Table 4. Torch Current Register Mapping into Internal TEN
and TCUR Registers, and Relationship between Torch
Current and the TCUR Register Setting
TEN/TCUR[4:0] Value
ITORCH (mA)
Dec.
Binary
TEN[4]
TCUR[3:0]
0
00000
0
0000
300.0
1
00001
0
0001
287.5
2
00010
0
0010
275.0
3
00011
0
0011
262.5
4
00100
0
0100
250.0
5
00101
0
0101
237.5
6
00110
0
0110
225.0
7
00111
0
0111
212.5
8
01000
0
1000
200.0
9
01001
0
1001
187.5
10
01010
0
1010
175.0
11
01011
0
1011
162.5
12
01100
0
1100
150.0
13
01101
0
1101
137.5
14
01110
0
1110
100.0
15
01111
0
1111
62.5
16
10000
1
0000
300.0
17
10001
1
0001
287.5
18
10010
1
0010
275.0
19
10011
1
0011
262.5
20
10100
1
0100
250.0
21
10101
1
0101
237.5
22
10110
1
0110
225.0
23
10111
1
0111
212.5
24
11000
1
1000
200.0
25
11001
1
1001
187.5
26
11010
1
1010
175.0
27
11011
1
1011
162.5
28
11100
1
1100
150.0
29
11101
1
1101
137.5
30
11110
1
1110
100.0
31
11111
1
1111
62.5
Safety Timer Duration Register (STDUR: default 7)
The safety timer duration register sets the duration of the
flash and torch mode when the LED current exceeds the
programmed threshold current. Valid values are 0 for the
minimum timer duration to 7 for the maximum duration.
Table 5. Safety Timer Duration Register Setting and Safety
Timer Duration
Value
STDUR[2:0]
(binary)
Timeout (ms)
Dec.
Binary
0
000
000
156.25
1
001
001
312.5
2
010
010
468.75
3
011
011
625
4
100
100
781.25
5
101
101
937.5
6
110
110
1093.75
7
111
111
1250
Low-Battery Threshold Register (LB_TH: default 1)
The LB_TH register sets the supply threshold voltage
below which the internal low battery flag is asserted and
the LED current driver is disabled. Table 6 shows the
threshold values that correspond to the register settings.
Setting 0 is reserved for disabling the function, and
settings between 1 and 9 inclusively enable and set the
LB_TH value between 3.0V and 3.8V with 100mV
resolution.
Table 6. Low-Battery Threshold Register Setting and Supply
Threshold Voltage
Value
LB_TH[3:0]
VBAT Threshold (V)
Dec.
Binary
0
0000
0000
Disabled
1
0001
0001
3.0
2
0010
0010
3.1
3
0011
0011
3.2
4
0100
0100
3.3
5
0101
0101
3.4
6
0110
0110
3.5
7
0111
0111
3.6
8
1000
1000
3.7
9
1001
1001
3.8
August 26, 2014
15
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com