Electronic Components Datasheet Search
  English  ▼

X  

MIC2874YCS Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC2874YCS
Description  1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2874YCS Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC2874YCS Datasheet HTML 8Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 9Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 10Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 11Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 12Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 13Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 14Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 15Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Micrel, Inc.
MIC2874
Application Information
MIC2874 can drive a high-current flash WLED in either
flash mode or torch mode.
Boost Converter
The internal boost converter is turned on/off automatically
when the LED driver is activated/de-activated without any
exception.
The boost converter is an internally-compensated current-
mode PWM boost converter running at 4MHz. It is for
stepping up the supply voltage to a high enough value at
the OUT pin to drive the LED current. If the supply voltage
is high enough, the synchronous switch of the converter is
then fully turned on. In this case, all the excessive voltage
is dropped over the linear LED driver.
Flash Mode
The maximum and default current levels in the flash mode
are 1.2A and 1A respectively. The flash mode current can
be initiated by asserting FEN pin high, or by setting the
flash control register (address 1),
for the desired flash
duration, subjected to the safety timeout setting. The flash
mode current is terminated when the FEN pin is brought
low and the flash register is cleared, or when the
configurable safety timer expires.
Flash mode current can be adjusted to a fraction of the
maximum flash mode current level by selecting the desired
value in the flash control register through the single-wire
serial interface.
Torch Mode
By default, the maximum torch mode level is 300mA. The
torch mode operation is activated by setting the torch
control register (address 2) for the desired duration. The
torch mode current is terminated when the torch register is
cleared or when the configurable safety timer expires.
Like the flash mode current, the torch mode current can be
set to a fraction of the maximum torch mode current level
by selecting the desired torch current in the torch control
register (address 2) via the single-wire serial interface.
Configurable Safety Timer
The flash safety timeout feature automatically shuts down
the LED current after the safety timer duration is expired if
the programmed LED current exceeds a certain current
threshold. Both the current threshold and the timer
duration are programmable via the safety timer registers
(addresses 3 and 5).
Low-Battery Voltage Detection (LBVD)
When the VIN voltage drops below the LBVD threshold
(default = 3.0V) in flash or torch mode, the LED current
driver is disabled. The LED driver can be resumed by
raising the VIN above the LBVD threshold and toggling the
corresponding flash or torch command. The LBVD
threshold is adjustable thru the LBVD control register
(address 4).
Overvoltage Protection
When the output voltage rises above an internal OVP
threshold, MIC2874 is latched off automatically to avoid
permanent damage to the IC. To clear the latched off
condition, either power cycle the MIC2874 or assert the
DC pin low.
Short-Circuit Detection
Each time before enabling the LED driver, the MIC2874
performs the short circuit test by driving the flash LED with
a small (2mA typical) current for 200
µs. If (V
OUT – VLED) is
less than 1.7V at the end of the short-circuit test, then the
LED is considered to be shorted and MIC2874 will ignore
the flash and/or torch mode command. Note that the short-
circuit test is carried out every time prior to flash and torch
mode but the result is not latched.
Thermal Shutdown
When the internal die temperature of MIC2874 reaches
155
°C, the LED driver is disabled until the die temperature
falls below 140
°C and either FEN pin, FEN register, TEN
register, or VIN is toggled.
Single-Wire Interface
The single-wire interface allows the use of a single
multiplexed enable and data pin (DC) for control and
communication in GPIO limited applications. The interface
is implemented using a simple mechanism allowing any
open drain or directly driven GPIO to control the MIC2874.
The MIC2874 uses the single-wire interface for simple
command and control functions. The interface provides
fast access to write only registers with protection features
to avoid potentially erroneous data writes and improve
robustness. When DC is in a low state and no data is
detected
for
longer
than
405µs,
the
MIC2874
will
automatically go into a low-power SHUTDOWN state,
simultaneously resetting internal registers to default states.
Overview
The single-wire interface relies on a combination of bit
edges and the period between edges in order to
communicate
across
a
single
wire.
Each
word
is
transmitted as a series of pulses, with each pulse
incrementing an internal data counter. A stop sequence
consisting of an inactive period of DC pin remaining high is
used to latch the data word internally. An address and data
framing format is used to improve protection against
erroneous writes by enforcing address and data field
lengths as well as the timing duration between them.
Timing is designed such that when communicating with a
device using a low cost on chip oscillator, the worst case
minimum and maximum conditions can be easily met
within the wide operating range of the oscillator. Using this
method guarantees that the device can always detect the
delay introduced by the communication master.
August 26, 2014
12
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com