Electronic Components Datasheet Search
  English  ▼

X  

MIC2874YCS Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC2874YCS
Description  1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2874YCS Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC2874YCS Datasheet HTML 10Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 11Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 12Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 13Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 14Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 15Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 16Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 17Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Micrel, Inc.
MIC2874
MIC2874 Registers
The
MIC2874
supports
five
writeable
registers
for
controlling the torch and the flash modes of operation as
shown in Table 2. Note that register addressing starts at 1.
Writing any value above the maximum value shown for
each registers will cause an invalid data error and the
frame will be discarded.
Table 2. Five Writable Registers of MIC2874
Address
Name
Max.
Value
Description
1
FEN/FCUR
31
Flash Enable/Current
2
TEN/TCUR
31
Torch Enable/Current
3
STDUR
7
Safety Timer Duration
4
LB_TH
9
Low Battery Voltage
Detection Threshold
5
ST_TH
5
Safety Timer Threshold
Flash Current Register (FEN/FCUR: default 4)
The flash current register enables and sets the flash mode
current level. Valid values are 0 to 31; values 0-15 will set
the flash current without enabling the flash (such that it can
be triggered externally), values 16-31 will set the flash
current and enable the flash. The flash current register
maps into the internal FEN and FCUR registers as shown
in the table below. Table 3 describes the relationship
between the flash current and the FCUR register setting.
Table 3. Flash Current Register Mapping into Internal FEN
and FCUR Registers, and Relationship between Flash
Current and the FCUR Register Setting
FEN/FCUR[4:0] Value
IFLASH (A)
Dec.
Binary
FEN[4]
FCUR[3:0]
0
00000
0
0000
1.200
1
00001
0
0001
1.150
2
00010
0
0010
1.100
3
00011
0
0011
1.050
4
00100
0
0100
1.000
5
00101
0
0101
0.950
6
00110
0
0110
0.900
7
00111
0
0111
0.850
8
01000
0
1000
0.800
9
01001
0
1001
0.750
10
01010
0
1010
0.700
11
01011
0
1011
0.650
12
01100
0
1100
0.600
13
01101
0
1101
0.550
14
01110
0
1110
0.400
FEN/FCUR[4:0] Value
IFLASH (A)
Dec.
Binary
FEN[4]
FCUR[3:0]
15
01111
0
1111
0.250
16
10000
1
0000
1.200
17
10001
1
0001
1.150
18
10010
1
0010
1.100
19
10011
1
0011
1.050
20
10100
1
0100
1.000
21
10101
1
0101
0.950
22
10110
1
0110
0.900
23
10111
1
0111
0.850
24
11000
1
1000
0.800
25
11001
1
1001
0.750
26
11010
1
1010
0.700
27
11011
1
1011
0.650
28
11100
1
1100
0.600
29
11101
1
1101
0.550
30
11110
1
1110
0.400
31
11111
1
1111
0.250
Torch Current Register (TEN/TCUR: default 4)
The torch current register enables and sets the torch mode
current level. Valid values are 0 to 31; values 0
− 15 will
set the torch current without enabling the torch (such that it
can be triggered by setting the internal TEN register value
to 1), values 16
− 31 will set the torch current and enable
the torch. A value of 0 at the internal TEN register will
disable the torch. The torch current register maps into the
internal TEN and TCUR registers as shown in Table 4.
The table also describes the relationship between the
torch current and the TCUR register setting.
August 26, 2014
14
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com