Electronic Components Datasheet Search
  English  ▼

X  

W83301 Datasheet(PDF) 5 Page - Winbond

Part # W83301
Description  ACPI-STR Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83301 Datasheet(HTML) 5 Page - Winbond

  W83301 Datasheet HTML 1Page - Winbond W83301 Datasheet HTML 2Page - Winbond W83301 Datasheet HTML 3Page - Winbond W83301 Datasheet HTML 4Page - Winbond W83301 Datasheet HTML 5Page - Winbond W83301 Datasheet HTML 6Page - Winbond W83301 Datasheet HTML 7Page - Winbond W83301 Datasheet HTML 8Page - Winbond W83301 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Confidential
Revision 0.6
3
W83301R
Preliminary
4.Pin Description
SYMBOL
PIN
FUNCTION
Mode A: BT Current Source. Connect this pin to the gate of a suitable N-channel
MOSFET for driving bus termination regulator output.
STRDRV2/BTDRV
1
Mode B: STR2 Driver. Connect this pin to the gate of a suitable N-channel
MOSFET for driving STR2 output.
Mode A: BT Sense. Connect this pin to the bus termination regulator output.
STRSEN2/BTSEN
2
Mode B: STR2 Sense. Connect this pin to the STR2 output.
Mode A: BT Current Sink. This pin is used to drive a N-channel MOSFET to sink
the redundant current in the high-speed bus.
STRDRV3/BTSINK
3
Mode B: STR3 Driver. Connect this pin to the gate of a suitable N-channel
MOSFET for driving STR3 output.
Mode A: Function Reserved. Pull up this pin to +5VSB through a 1.5 Kohm
resistor.
STRSEN3
4
Mode B: STR3 Sense. Connect this pin to the STR3 output.
GND
5
Power Ground. Connect this pin to ground.
Vcc
6
Power Vcc. Input 5VSB supply.
C1
7
Charge Pump Cap. Attach flying capacitor between this pin and C2 to generate
internally used high voltage from 5V power supply.
C2
8
Charge Pump Cap. Attach flying capacitor between this pin and C1 to generate
internally used high voltage from 5V power supply.
ChrPmp
9
Charge Pump output. This pin produces voltage doubled 5V supply by charge-
pumping. Bypass with a 0.1uF capacitor.
5VDLEN#
10
5VDL Enable. Control 5VDL voltage output. Pull-up internally.
S5#
11
S5 Status. Control signal governing the soft off state S5. Pull-up internally.
S3#
12
S3 Status. Control signal governing the soft off state S3. Pull-up internally.
VSET1
13
Voltage Selection 1. Combine with VSET2 to select operation mode and output
voltages of STR regulators.
VSET0
14
Voltage Selection 0. Combine with VSET1 to select operation mode and output
voltages of STR regulators.
5VDLSB
15
5VSB Output Control. Connect this pin to the gate of a N-MOSFET to output
5VSB power to 5VDL.
5VDRV
16
5V Output Control. Connect this pin to the gate of a N-MOSFET to output 5V
power to 5VDL.
PWOK
17
Power OK. Open collector input/output. Used to indicate the ready of 5Vin supply. If
any STR supply (only STR1 in mode A) occurs over current and induce under-
voltage, PWOK will be pull down.
SS
18
Soft-Start. Attach a capacitor (0.033u) to this pin to determine the softstart rate. A
ramp generated by charging this capacitor with internal soft-start current (18uA) is
used to clamp the voltage rising slew rate of STR regulators and 5VDL. Soft starting
avoids too much rush current during voltage setup.
STRSEN1
19
STR1 Sense. Connect this pin to the STR1 output.
STRDRV1
20
STR1 Driver. Connect this pin to the gate of a suitable N-channel MOSFET for
driving STR1 output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com