Electronic Components Datasheet Search
  English  ▼

X  

W83301 Datasheet(PDF) 12 Page - Winbond

Part # W83301
Description  ACPI-STR Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83301 Datasheet(HTML) 12 Page - Winbond

Back Button W83301 Datasheet HTML 8Page - Winbond W83301 Datasheet HTML 9Page - Winbond W83301 Datasheet HTML 10Page - Winbond W83301 Datasheet HTML 11Page - Winbond W83301 Datasheet HTML 12Page - Winbond W83301 Datasheet HTML 13Page - Winbond W83301 Datasheet HTML 14Page - Winbond W83301 Datasheet HTML 15Page - Winbond W83301 Datasheet HTML 16Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Confidential
Revision 0.6
10
W83301R
Preliminary
8.Electrical Characteristics
8.1 ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed in this table may cause permanent damage to the
device. Precautions should be taken to avoid application of any voltage higher than the
maximum rated voltages to this circuit. Subjection to maximum conditions for extended
periods may affect reliability. Unused inputs must always be tied to an appropriate logic
voltage level (Ground or Vdd).
Symbol
Parameter
Rating
Vss, Vcc
Voltage on any pin with respect to GND
- 0.5 V to + 7.0 V
ChrPmp
- 0.5 V to + 12.0 V
Hi-V Pins
Pin# 1,2,3,4,8,15,16,18,19,20
GND-0.3 V to VChr-Pmp + 0.3V
Lo-V Pins
Pin# 7,10,11,12,13,14,17
GND-0.3 V to Vcc + 0.3V
TSTG
Storage Temperature
- 65
°C to + 150°C
TB
Ambient Temperature
- 55
°C to + 125°C
TA
Operating Temperature
0
°C to + 70°C
8.2 AC CHARACTERISTICS
Vcc=5V
± 5 %, TA = 0°C to +70°C
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Vcc SUPPLY CURRENT
Norminal Supply Current
I5VSB
6
mA
POWER-ON RESET
Rising V5VSB Threshold
4.3
V
VChr_Pmp > 8.5V
5VSB Hysteresis
1
V
Rising VChr_Pmp Threshold
8.5
V
V5VSB > 4.3V
VChr_Pmp Hysteresis
1
V
SOFT-START
Soft-Start Current
Iss
18
uA
VSS upper limit
9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com