Electronic Components Datasheet Search
  English  ▼

X  

W83301 Datasheet(PDF) 9 Page - Winbond

Part # W83301
Description  ACPI-STR Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83301 Datasheet(HTML) 9 Page - Winbond

Back Button W83301 Datasheet HTML 5Page - Winbond W83301 Datasheet HTML 6Page - Winbond W83301 Datasheet HTML 7Page - Winbond W83301 Datasheet HTML 8Page - Winbond W83301 Datasheet HTML 9Page - Winbond W83301 Datasheet HTML 10Page - Winbond W83301 Datasheet HTML 11Page - Winbond W83301 Datasheet HTML 12Page - Winbond W83301 Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Confidential
Revision 0.6
7
W83301R
Preliminary
7.Functional Description
7.1 Mode Selection
The W83301R supports two modes for customer’s multi-applications, as shown as
Table1, the mode A and mode B can selected via VSET0 pin. If this pin connects to 5V,
the chip will operate under mode A, otherwise the chip will operate under mode B when
VSET0 connects to ground.
Both mode A and B supports a linear switch to generate an ACPI-compliant 5VDL
voltage from ATX power supply 5V/5VSB according to S5# and S3# signals. And user
also can turn off the whole 5VDL output in S5 state via 5VDLEN# pin if needed.
Under the mode A operation, the chip provide a linear controller STR1 that drives a
N-channel MOSFET Q3 (refer to figure) to generate a regulated voltage 2.5VDUAL from an
external power source 3.3VDUAL, the 2.5 VDUAL is provide for RDRAM/DDRAM ACPI
suspend to RAM application. And In order to simply the circuit design and reduce
customer’s cost, the W83301R also integrate a bus termination controller BT driving two
external N-channel MOSFETs (Q4, Q5) to generate a specific ACPI-compliant voltage
according to a half of STR1 output for sourcing and sinking bus redundant current.
Under the mode B operation, the chip provide three linear controllers, that is STR1-
2.5VDUAL, STR2- 3.3 VDUAL, and STR3- 1.8VDUAL, all of the three outputs drive a N-
channel MOSFET (Q3, Q4, and Q5) to generate an ACPI-compliant voltage by different
applications. Such as STR1- 2.5VDUAL for clock generator application, STR2- 3.3 VDUAL
for SDRAM application, and STR3- 1.8VDUAL chipset application.
Besides, as shown in Table 1 the W83301R also provide a tri-state pin VSET1 to bias
an extra voltage up to 0.2V in each output for more performance but under mode A
operation, the BT output voltage will generated according to a half of STR1 output set by
VSET1.
Table 1. W83301R Control Table
Mode VSET0 VSET1
STR1
Bus Termination Controller
Remark
0V
0V
2.5VDUAL
1.25VDUAL
0V
NC
2.6VDUAL
1.30VDUAL
A
0V
5V
2.7VDUAL
1.35VDUAL
-STR1 output for RDRAM/DDRAM voltage
-Bus Termination Controller for memory bus
redundant current sinking and sourcing.
Mode VSET0 VSET1
STR1
STR2
STR3
Remark
5V
5V
2.5VDUAL
3.3VDUAL
1.8VDUAL
5V
NC
2.6VDUAL
3.4VDUAL
1.8VDUAL
B
5V
0V
2.7VDUAL
3.5VDUAL
1.8VDUAL
-STR1 output for Clock Gen. voltage
-STR2 output for SDRAM voltage
-STR3 output for Chipset voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com