Electronic Components Datasheet Search
  English  ▼

X  

W83301 Datasheet(PDF) 6 Page - Winbond

Part # W83301
Description  ACPI-STR Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83301 Datasheet(HTML) 6 Page - Winbond

Back Button W83301 Datasheet HTML 2Page - Winbond W83301 Datasheet HTML 3Page - Winbond W83301 Datasheet HTML 4Page - Winbond W83301 Datasheet HTML 5Page - Winbond W83301 Datasheet HTML 6Page - Winbond W83301 Datasheet HTML 7Page - Winbond W83301 Datasheet HTML 8Page - Winbond W83301 Datasheet HTML 9Page - Winbond W83301 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Confidential
Revision 0.6
4
W83301R
Preliminary
5. Application Circuit
Figure 2. Mode A (DDR Mode) Application Circuit
Mode
VSET0
VSET1
STR1
Bus Termination Controller
0V
0V
2.5VDUAL
1.25VDUAL
0V
NC
2.6VDUAL
1.30VDUAL
DDR
0V
5V
2.7VDUAL
1.35VDUAL
3.3Vdual
5VSB
5V
3.3Vdual
5VSB
PWOK
5VDLEN
S3
SLP_S5#
VSET1
Q1
MOSFET N
Q4
MOSFET N
C3
1000u
C6
1000u
C9
0.1u
C7
0.1u
C1
0.1u
C8
0.1u
Q3
MOSFET N
C5
1000u
Q2
MOSFET N
C2
0.1u
U1
10
17
20
19
1
2
3
4
16
15
12
11
14
13
5VDLEN
PWOK
STRdrv1
STRsen1
STRdrv2
STRsen2
STRdrv3
STRsen3
5VDRV
5VDLSB
S3
S5
VSET0
VSET1
Q5
MOSFET N
R1
1.5k
C4
0.1u
2.5V
1.25V
5VDUAL
(chipset)
Connect VSET0 and VSET1 as following table to
set operation mode and output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com