Electronic Components Datasheet Search
  English  ▼

X  

W83301 Datasheet(PDF) 14 Page - Winbond

Part # W83301
Description  ACPI-STR Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83301 Datasheet(HTML) 14 Page - Winbond

Back Button W83301 Datasheet HTML 8Page - Winbond W83301 Datasheet HTML 9Page - Winbond W83301 Datasheet HTML 10Page - Winbond W83301 Datasheet HTML 11Page - Winbond W83301 Datasheet HTML 12Page - Winbond W83301 Datasheet HTML 13Page - Winbond W83301 Datasheet HTML 14Page - Winbond W83301 Datasheet HTML 15Page - Winbond W83301 Datasheet HTML 16Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Confidential
Revision 0.6
12
W83301R
Preliminary
Input Logic High
2.2
V
Input Logic Low
0.8
V
PWOK Output Inpedence
150
ohm
LUV active
Charge Pump Frequency
200
KHz
9.Package Specification
20L SSOP-209 mil
0
0.002
0.197
0.291
7.80
0
7.40
8
8.20
5.30
b
E
D
c
6.90
5.00
A1
A2
A
5.60
7.50
7.20
2.00
1.85
8
0.323
0.307
0.073
0.079
0.220
0.272
0.295
0.283
0.209
MIN
DIMENSION IN
SYMBO
DIMENSION IN
MIN
NO
MAX.
MAX.
NO
0.05
e
L
L1
Y
q
0.009
0.015
0.004
0.010
0.021
0.030
0.050
0.004
0.22
0.38
0.09
0.25
0.65
0.025
0.55
0.75
1.25
0.10
H
E
0.95
0.037
1.75
1.65
0.065
0.069
1
20
D
E
e
Y
b
A1
A2 A
SEATING PLANE
DTEAIL A
L
L1
q
DETAIL A
SEATING PLANE
E
H
10
11
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com