Electronic Components Datasheet Search
  English  ▼

X  

LAN8740A Datasheet(PDF) 59 Page - Microchip Technology

Part # LAN8740A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740A Datasheet(HTML) 59 Page - Microchip Technology

Back Button LAN8740A Datasheet HTML 55Page - Microchip Technology LAN8740A Datasheet HTML 56Page - Microchip Technology LAN8740A Datasheet HTML 57Page - Microchip Technology LAN8740A Datasheet HTML 58Page - Microchip Technology LAN8740A Datasheet HTML 59Page - Microchip Technology LAN8740A Datasheet HTML 60Page - Microchip Technology LAN8740A Datasheet HTML 61Page - Microchip Technology LAN8740A Datasheet HTML 62Page - Microchip Technology LAN8740A Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 136 page
background image
2013-2015 Microchip Technology Inc.
DS00001987A-page 59
LAN8740A/LAN8740Ai
4.2
Control and Status Registers
Table 4-2 provides a list of supported registers. Register details, including bit definitions, are provided in the proceeding
subsections.
TABLE 4-2:
SMI REGISTER MAP
Register Index
(Decimal)
Register Name
Group
0
Basic Control Register
Basic
1
Basic Status Register
Basic
2
PHY Identifier 1 Register
Extended
3
PHY Identifier 2 Register
Extended
4
Auto Negotiation Advertisement Register
Extended
5
Auto Negotiation Link Partner Ability Register
Extended
6
Auto Negotiation Expansion Register
Extended
7
Auto Negotiation Next Page TX Register
Extended
8
Auto Negotiation Next Page RX Register
Extended
13
MMD Access Control Register
Extended
14
MMD Access Address/Data Register
Extended
16
EDPD NLP/Crossover Time/EEE Configuration Register
Vendor-specific
17
Mode Control/Status Register
Vendor-specific
18
Special Modes Register
Vendor-specific
24
TDR Patterns/Delay Control Register
Vendor-specific
25
TDR Control/Status Register
Vendor-specific
26
Symbol Error Counter Register
Vendor-specific
27
Special Control/Status Indications Register
Vendor-specific
28
Cable Length Register
Vendor-specific
29
Interrupt Source Flag Register
Vendor-specific
30
Interrupt Mask Register
Vendor-specific
31
PHY Special Control/Status Register
Vendor-specific



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com