Electronic Components Datasheet Search
  English  ▼

X  

LAN8740A Datasheet(PDF) 74 Page - Microchip Technology

Part # LAN8740A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740A Datasheet(HTML) 74 Page - Microchip Technology

Back Button LAN8740A Datasheet HTML 70Page - Microchip Technology LAN8740A Datasheet HTML 71Page - Microchip Technology LAN8740A Datasheet HTML 72Page - Microchip Technology LAN8740A Datasheet HTML 73Page - Microchip Technology LAN8740A Datasheet HTML 74Page - Microchip Technology LAN8740A Datasheet HTML 75Page - Microchip Technology LAN8740A Datasheet HTML 76Page - Microchip Technology LAN8740A Datasheet HTML 77Page - Microchip Technology LAN8740A Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 136 page
background image
LAN8740A/LAN8740Ai
DS00001987A-page 74
2013-2015 Microchip Technology Inc.
4.2.15
TDR PATTERNS/DELAY CONTROL REGISTER
Index (In Decimal):
24
Size:
16 bits
Bits
Description
Type
Default
15
TDR Delay In
0 = Line break time is 2 ms.
1 = The device uses TDR Line Break Counter to increase the line break time
before starting TDR.
R/W
NASR
0b
14:12
TDR Line Break Counter
When TDR Delay In is 1, this field specifies the increase in line break time in
increments of 256 ms, up to 2 seconds.
R/W
NASR
000b
11:6
TDR Pattern High
This field specifies the data pattern sent in TDR mode for the high cycle.
R/W
NASR
101110b
5:0
TDR Pattern Low
This field specifies the data pattern sent in TDR mode for the low cycle.
R/W
NASR
011101b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com