Electronic Components Datasheet Search
  English  ▼

X  

LAN8740A Datasheet(PDF) 11 Page - Microchip Technology

Part # LAN8740A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740A Datasheet(HTML) 11 Page - Microchip Technology

Back Button LAN8740A Datasheet HTML 7Page - Microchip Technology LAN8740A Datasheet HTML 8Page - Microchip Technology LAN8740A Datasheet HTML 9Page - Microchip Technology LAN8740A Datasheet HTML 10Page - Microchip Technology LAN8740A Datasheet HTML 11Page - Microchip Technology LAN8740A Datasheet HTML 12Page - Microchip Technology LAN8740A Datasheet HTML 13Page - Microchip Technology LAN8740A Datasheet HTML 14Page - Microchip Technology LAN8740A Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 136 page
background image
2013-2015 Microchip Technology Inc.
DS00001987A-page 11
LAN8740A/LAN8740Ai
TABLE 2-2:
LED PINS
Num Pins
Name
Symbol
Buffer Type
Description
1
LED 1
LED1
O12
This pin can be used to indicate link activity, link
speed, nINT, or nPME as configured via the LED1
Function Select field of the Wakeup Control and
Status Register (WUCSR).
Note:
Refer to Section 3.8.1, "LEDs" and Sec-
tion 3.8.4, "Wake on LAN (WoL)" for
additional LED information.
Interrupt Out-
put
nINT
O12
Active low interrupt output.
Note:
By default, the nINT signal is output on
the nINT/TXER/TXD4 pin. The nINT
signal can be optionally configured to
output on the LED1 or LED2 pins. Refer
to Section 3.6, "Interrupt Management"
for additional details on device inter-
rupts.
Power Man-
agement Event
Output
nPME
O12
Active low Power Management Event (PME) out-
put.
Note:
The nPME signal can be optionally con-
figured to output on the LED1, LED2, or
RXD2/nPME/nINTSEL pins. Refer to
Section 3.8.4, "Wake on LAN (WoL)" for
additional nPME and WoL information.
Regulator Off
Configuration
Strap
REGOFF
IS
(PD)
This configuration strap is used to disable the inter-
nal 1.2 V regulator. When the regulator is disabled,
external 1.2 V must be supplied to VDDCR.
• When REGOFF is pulled high to VDD2A with
an external resistor, the internal regulator is
disabled.
• When REGOFF is floating or pulled low, the
internal regulator is enabled (default).
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.4, "REGOFF: Inter-
nal +1.2 V Regulator Configuration" for
additional details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com