Electronic Components Datasheet Search
  English  ▼

X  

LAN8740A Datasheet(PDF) 7 Page - Microchip Technology

Part # LAN8740A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740A Datasheet(HTML) 7 Page - Microchip Technology

Back Button LAN8740A Datasheet HTML 3Page - Microchip Technology LAN8740A Datasheet HTML 4Page - Microchip Technology LAN8740A Datasheet HTML 5Page - Microchip Technology LAN8740A Datasheet HTML 6Page - Microchip Technology LAN8740A Datasheet HTML 7Page - Microchip Technology LAN8740A Datasheet HTML 8Page - Microchip Technology LAN8740A Datasheet HTML 9Page - Microchip Technology LAN8740A Datasheet HTML 10Page - Microchip Technology LAN8740A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 136 page
background image
2013-2015 Microchip Technology Inc.
DS00001987A-page 7
LAN8740A/LAN8740Ai
TABLE 2-1:
MII/RMII SIGNALS
Num Pins
Name
Symbol
Buffer Type
Description
1
Transmit
Data 0
TXD0
VIS
The MAC transmits data to the transceiver using
this signal in all modes.
1
Transmit
Data 1
TXD1
VIS
The MAC transmits data to the transceiver using
this signal in all modes.
1
Transmit
Data 2
(MII Mode)
TXD2
VIS
The MAC transmits data to the transceiver using
this signal in MII mode.
Note:
This signal must be grounded in RMII
mode.
1
Transmit
Data 3
(MII Mode)
TXD3
VIS
The MAC transmits data to the transceiver using
this signal in MII mode.
Note:
This signal must be grounded in RMII
mode.
1
Interrupt Out-
put
nINT
VOD8
(PU)
Active low interrupt output. Place an external resis-
tor pull-up to VDDIO.
Note:
The nINT signal can be optionally con-
figured to output on the LED1 or LED2
pins. Refer to Section 3.6, "Interrupt
Management" for additional details on
device interrupts.
Note:
Refer to Section 3.8.1.6, "nINTSEL and
LED2 Polarity Selection" for details on
how the nINTSEL configuration strap is
used to determine the function of this
pin.
Transmit Error
(MII Mode)
TXER
VIS
When driven high, the 4B/5B encode process sub-
stitutes the Transmit Error code-group (/H/) for the
encoded data word. This input is ignored in the
10BASE-T mode of operation. This signal is also
used in EEE mode as TXER when TXEN = 1, and
as LPI when TXEN = 0.
Note:
This signal is not used in RMII mode.
Transmit
Data 4
(MII Mode)
TXD4
VIS
(PU)
In Symbol Interface (5B decoding) mode, this sig-
nal becomes the MII Transmit Data 4 line (the MSB
of the 5-bit symbol code-group).
Note:
This signal is not used in RMII mode.
1
Transmit
Enable
TXEN
VIS
(PD)
Indicates that valid transmission data is present on
TXD[3:0]. In RMII mode, only TXD[1:0] provide
valid data.
1
Transmit Clock
(MII Mode)
TXCLK
VO8
Used to latch data from the MAC into the trans-
ceiver.
• MII (100BASE-TX): 25 MHz
• MII (10BASE-T): 2.5 MHz
Note:
This signal is not used in RMII mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com