Electronic Components Datasheet Search
  English  ▼

X  

LAN8740A Datasheet(PDF) 70 Page - Microchip Technology

Part # LAN8740A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740A Datasheet(HTML) 70 Page - Microchip Technology

Back Button LAN8740A Datasheet HTML 66Page - Microchip Technology LAN8740A Datasheet HTML 67Page - Microchip Technology LAN8740A Datasheet HTML 68Page - Microchip Technology LAN8740A Datasheet HTML 69Page - Microchip Technology LAN8740A Datasheet HTML 70Page - Microchip Technology LAN8740A Datasheet HTML 71Page - Microchip Technology LAN8740A Datasheet HTML 72Page - Microchip Technology LAN8740A Datasheet HTML 73Page - Microchip Technology LAN8740A Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 136 page
background image
LAN8740A/LAN8740Ai
DS00001987A-page 70
2013-2015 Microchip Technology Inc.
4.2.11
MMD ACCESS ADDRESS/DATA REGISTER
This register in conjunction with the MMD Access Control Register provides indirect access to the MDIO Manageable
Device (MMD) registers. Refer to Section 4.3, "MDIO Manageable Device (MMD) Registers" for additional details.
Index (In Decimal):
14
Size:
16 bits
Bits
Description
Type
Default
15:0
MMD Register Address/Data
If the MMD Function field of the MMD Access Control Register is “00”, this
field is used to indicate the MMD register address to read/write of the device
specified in the MMD Device Address (DEVAD) field. Otherwise, this register
is used to read/write data from/to the previously specified MMD address.
R/W
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com