Electronic Components Datasheet Search
  English  ▼

X  

LAN8740A Datasheet(PDF) 113 Page - Microchip Technology

Part # LAN8740A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740A Datasheet(HTML) 113 Page - Microchip Technology

Back Button LAN8740A Datasheet HTML 109Page - Microchip Technology LAN8740A Datasheet HTML 110Page - Microchip Technology LAN8740A Datasheet HTML 111Page - Microchip Technology LAN8740A Datasheet HTML 112Page - Microchip Technology LAN8740A Datasheet HTML 113Page - Microchip Technology LAN8740A Datasheet HTML 114Page - Microchip Technology LAN8740A Datasheet HTML 115Page - Microchip Technology LAN8740A Datasheet HTML 116Page - Microchip Technology LAN8740A Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 136 page
background image
2013-2015 Microchip Technology Inc.
DS00001987A-page 113
LAN8740A/LAN8740Ai
5.0
OPERATIONAL CHARACTERISTICS
5.1
Absolute Maximum Ratings*
Supply Voltage (VDDIO, VDD1A, VDD2A) (see Note 1).......................................................................... -0.5 V to +3.6 V
Digital Core Supply Voltage (VDDCR) (see Note 1) ................................................................................ -0.5 V to +1.5 V
Ethernet Magnetics Supply Voltage ......................................................................................................... -0.5 V to +3.6 V
Positive voltage on input signal pins, with respect to ground (see Note 2) ............................................... VDDIO + 2.0 V
Negative voltage on input signal pins, with respect to ground (see Note 3) ............................................................-0.5 V
Positive voltage on XTAL1/CLKIN, with respect to ground .......................................................................................3.6 V
Storage Temperature ..............................................................................................................................-55oC to +150oC
Lead Temperature Range ........................................................................................... Refer to JEDEC Spec. J-STD-020
HBM ESD Performance ........................................................................................................................ .JEDEC Class 3A
Note 1: When powering this device from laboratory or system power supplies, it is important that the absolute max-
imum ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes on
their outputs when AC power is switched on or off. In addition, voltage transients on the AC power line may
appear on the DC output. If this possibility exists, it is suggested that a clamp circuit be used.
2: This rating does not apply to the following pins: XTAL1/CLKIN, XTAL2, RBIAS.
3: This rating does not apply to the following pins: RBIAS.
*Stresses exceeding those listed in this section could cause permanent damage to the device. This is a stress rating
only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Functional
operation of the device at any condition exceeding those indicated in Section 5.2, "Operating Conditions**" or any other
applicable section of this specification is not implied. Note, device signals are NOT 5.0 V tolerant unless specified oth-
erwise.
5.2
Operating Conditions**
Supply Voltage (VDDIO) ....................................................................................................................... +1.62 V to +3.6 V
Analog Port Supply Voltage (VDD1A, VDD2A) ....................................................................................... +3.0 V to +3.6 V
Digital Core Supply Voltage (VDDCR) ................................................................................................ +1.14 V to +1.26 V
Ethernet Magnetics Supply Voltage ...................................................................................................... +2.25 V to +3.6 V
Ambient Operating Temperature in Still Air (TA)........................................................................................... (see Note 1)
Note 1: 0°C to +70°C for commercial version, -40°C to +85°C for industrial version.
**Proper operation of the device is guaranteed only within the ranges specified in this section. After the device has com-
pleted power-up, VDDIO and the magnetics power supply must maintain their voltage level with ±10%. Varying the volt-
age greater than ±10% after the device has completed power-up can cause errors in device operation.
5.3
Package Thermal Specifications
Note:
Do not drive input signals without power supplied to the device.
TABLE 5-1:
PACKAGE THERMAL PARAMETERS
Parameter
Symbol
Value
Unit
Comment
Thermal Resistance
ΘJA
47.8
oC/W
Measured in still air from the die to ambient air
Junction-to-Top-of-Package
ΨJT
0.7
oC/W
Measured in still air
Note:
Thermal parameters are measured or estimated for devices in a multi-layer 2S2P PCB per JESD51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com