Electronic Components Datasheet Search
  English  ▼

X  

LAN8700i Datasheet(PDF) 4 Page - Microchip Technology

Part # LAN8700i
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700i Datasheet(HTML) 4 Page - Microchip Technology

  LAN8700i Datasheet HTML 1Page - Microchip Technology LAN8700i Datasheet HTML 2Page - Microchip Technology LAN8700i Datasheet HTML 3Page - Microchip Technology LAN8700i Datasheet HTML 4Page - Microchip Technology LAN8700i Datasheet HTML 5Page - Microchip Technology LAN8700i Datasheet HTML 6Page - Microchip Technology LAN8700i Datasheet HTML 7Page - Microchip Technology LAN8700i Datasheet HTML 8Page - Microchip Technology LAN8700i Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
LAN8700/LAN8700i
DS00002260A-page 4
 2007-2016 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
The Microchip LAN8700/LAN8700i is a low-power, industrial temperature (LAN8700i), variable I/O voltage, analog inter-
face IC with HP Auto-MDIX support for high-performance embedded Ethernet applications. The LAN8700/LAN8700i
can be configured to operate on a single 3.3V supply utilizing an integrated 3.3V to 1.8V linear regulator. An option is
available to disable the linear regulator to optimize system designs that have a 1.8V power plane available.
1.1
Architectural Overview
The LAN8700/LAN8700i consists of an encoder/decoder, scrambler/descrambler, wave-shaping transmitter, output
driver, twisted-pair receiver with adaptive equalizer and baseline wander (BLW) correction, and clock and data recovery
functions. The LAN8700/LAN8700i can be configured to support either the Media Independent Interface (MII) or the
Reduced Media Independent Interface (RMII).
The LAN8700/LAN8700i is compliant with IEEE 802.3-2005 standards (MII Pins tolerant to 3.6V) and supports both
IEEE 802.3-2005 compliant and vendor-specific register functions. It contains a full-duplex 10-BASE-T/100BASE-TX
transceiver and supports 10-Mbps (10BASE-T) operation on Category 3 and Category 5 unshielded twisted-pair cable,
and 100-Mbps (100BASE-TX) operation on Category 5 unshielded twisted-pair cable.
Hubs and switches with multiple integrated MACs and external PHYs can have a large pin count due to the high number
of pins needed for each MII interface. An increasing pin count causes increasing cost.
The RMII interface is intended for use on Switch based ASICs or other embedded solutions requiring minimal pincount
for ethernet connectivity. RMII requires only 6 pins for each MAC to PHY interface plus one common reference clock.
The MII requires 16 pins for each MAC to PHY interface.
The Microchip LAN8700/LAN8700i is capable of running in RMII mode. Please contact your Microchip sales represen-
tative for the latest RMII specification.
The LAN8700/LAN8700i referenced throughout this document applies to both the commercial temperature and indus-
trial temperature components. The LAN8700i refers to only the industrial temperature component.
FIGURE 1-1:
LAN8700/LAN8700I SYSTEM BLOCK DIAGRAM
10/ 100
Media
Access
Controller
(MAC)
or SOC
LAN8700/
LAN8700i
Magnetics
Ethernet
System Bus
LEDS/ GPIO
25 MHz(MII ) or 50 MHz(RMIII)
Crystal or External Clock
MII/ RMII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com