Electronic Components Datasheet Search
  English  ▼

X  

RF5410 Datasheet(PDF) 28 Page - RF Micro Devices

Part # RF5410
Description  LTE MMMB PA Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5410 Datasheet(HTML) 28 Page - RF Micro Devices

Back Button RF5410 Datasheet HTML 24Page - RF Micro Devices RF5410 Datasheet HTML 25Page - RF Micro Devices RF5410 Datasheet HTML 26Page - RF Micro Devices RF5410 Datasheet HTML 27Page - RF Micro Devices RF5410 Datasheet HTML 28Page - RF Micro Devices RF5410 Datasheet HTML 29Page - RF Micro Devices RF5410 Datasheet HTML 30Page - RF Micro Devices RF5410 Datasheet HTML 31Page - RF Micro Devices RF5410 Datasheet HTML 32Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20160809
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
RFMD + TriQuint = Qorvo
28 of 33
Pin Names and Descriptions
Pin
Name
Description
1
GND
Pin connected to module ground.
2
GND
Pin connected to module ground.
3
RFIN_H
RF input to the high band power amplifier. This is a 50
Ω input with DC blocking and ESD shunt L to GND presents as DC
short to ground.
4
NC
No Connect.
5
SDATA
Serial interface data I/O signal.
6
SCLK
Serial interface clock input signal.
7
VIO
Supply voltage for the MIPI RFFE serial interface.
8
VBATT
Supply voltage for bias circuitry.
9
NC
No Connect.
10
NC
No Connect.
11
NC
No Connect.
12
RFIN_M
RF input to the mid band power amplifier. This is a 50
Ω input with DC blocking and ESD shunt L to GND presents as DC
short to ground.
13
RFIN_L
RF input to the low band power amplifier. This is a 50
Ω input with DC blocking.
14
GND
Pin connected to module ground.
15
GND
Pin connected to module ground.
16
NC
No Connect.
17
LB3
This is one of three low band RF outputs from low band amplifier. This is a 50
Ω output with DC blocking.
18
LB2
This is one of three low band RF outputs from low band amplifier. This is a 50
Ω output with DC blocking.
19
LB1
This is one of three low band RF outputs from low band amplifier. This is a 50
Ω output with DC blocking.
20
GND
Pin connected to module ground.
21
MB1
This is one of four mid-band RF outputs from mid band amplifier. PA is a DC-blocked, but this output presents as DC
short to GND when switch throw is activated. This is a 50
Ω output.
22
GND
Pin connected to module ground.
23
MB2
This is one of four mid-band RF outputs from mid band amplifier. PA is a DC-blocked, but this output presents as DC
short to GND when switch throw is activated. This is a 50
Ω output.
24
GND
Pin connected to module ground.
25
MB3
This is one of four mid-band RF outputs from mid band amplifier. PA is a DC-blocked, but this output presents as DC
short to GND when switch throw is activated. This is a 50
Ω output.
26
NC
No Connect.
27
GND
Pin connected to module ground.
28
NC
No Connect.
29
Vcc1
Supply voltage for the first stage of the power amplifier circuitry in the module. Typically this pin will connect to the same
source used for VCC2.
30
Vcc2
Supply voltage for the final stage of the power amplifier circuitry in the module. Traces running to this pin may have high
current during transmit operation. Proper decoupling and routing to handle this condition should be observed. This pin
can be connected directly to the output of the DC-DC converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com