Electronic Components Datasheet Search
  English  ▼

X  

RF5410 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5410
Description  LTE MMMB PA Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5410 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF5410 Datasheet HTML 2Page - RF Micro Devices RF5410 Datasheet HTML 3Page - RF Micro Devices RF5410 Datasheet HTML 4Page - RF Micro Devices RF5410 Datasheet HTML 5Page - RF Micro Devices RF5410 Datasheet HTML 6Page - RF Micro Devices RF5410 Datasheet HTML 7Page - RF Micro Devices RF5410 Datasheet HTML 8Page - RF Micro Devices RF5410 Datasheet HTML 9Page - RF Micro Devices RF5410 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20160809
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
RFMD + TriQuint = Qorvo
6 of 33
Parameter
Specification
Unit
Condition
Min
Typ
Max
LB: Band 5, 8
WCDMA
Nominal test conditions unless otherwise stated.
All unused ports terminated in 50Ω.
TA=+25°C; VBATT=3.8V; VCC=3.4V;Mode=HPM
Modulation: Rel99
Frequency
824
849
MHz
Band 5
880
915
MHz
Band 8
Maximum Linear Output Power
28.5
dBm
HPM, VCC = 3.4V
13.5
dBm
LPM, VCC = 1.15V
0
dBm
LPM, VCC = 0.7 V
Gain
29.5
31.5
dB
HPM, POUT = 28.5dBm, VCC = 3.4V
22
dB
LPM, POUT ≤ 13.5dBm, VCC = 1.15V
13.5
dB
LPM, POUT ≤ 0dBm, VCC = 0.7V
PA Current
490
mA
HPM, POUT = 28.5dBm, VCC = 3.4V
97
mA
LPM, POUT = 13.5dBm, VCC = 1.15V
25
mA
LPM, POUT = 0dBm, VCC = 0.7V
PA Efficiency (PAE)
41
%
HPM, POUT = 28.5dBm, VCC = 3.4V
ACLR1 (+5MHz)
-41
-37
dBc
HPM, POUT = 28.5dBm, VCC = 3.4V
-48
-38
dBc
LPM, POUT ≤ 13.5dBm, VCC = 1.15V
ACLR2 (+10MHz)
-55
-48
dBc
HPM, POUT = 28.5dBm, VCC = 3.4V
-60
-48
dBc
LPM, POUT ≤ 13.5dBm, VCC = 1.15V
EVM
1.0
%
Pout ≤ Pmax
Noise Power
B5 Rx Band
-131
dBm/Hz
Measure power at Rx Duplex Freq
869MHz to 894MHz
B8 Rx Band
-132
dBm/Hz
Measure power at Rx Duplex Freq
925MHz to 960MHz
GPS Band
-163
dBm/Hz
Measure power at Rx Band
Freq = 1574MHz to 1577MHz
ISM Band
-162
dBm/Hz
Measure power at Rx Band
Freq = 2400MHz to 2484MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com