Electronic Components Datasheet Search
  English  ▼

X  

RF5410 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5410
Description  LTE MMMB PA Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5410 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5410 Datasheet HTML 1Page - RF Micro Devices RF5410 Datasheet HTML 2Page - RF Micro Devices RF5410 Datasheet HTML 3Page - RF Micro Devices RF5410 Datasheet HTML 4Page - RF Micro Devices RF5410 Datasheet HTML 5Page - RF Micro Devices RF5410 Datasheet HTML 6Page - RF Micro Devices RF5410 Datasheet HTML 7Page - RF Micro Devices RF5410 Datasheet HTML 8Page - RF Micro Devices RF5410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20160809
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
RFMD + TriQuint = Qorvo
3 of 33
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Requirements
Supply Voltage, VBATT
3.1
3.8
4.6
V
See Note 1
Supply Voltage, VCC1, VCC2
0.5
3.4
4.6
V
See Note 1
Supply Voltage, VIO
1.65
1.8
1.95
V
MIPI RFFE logic low
(SCLK, SDATA)
0
0.3*VIO
V
MIPI RFFE logic high
(SCLK, SDATA)
0.7*VIO
VIO
V
VIO Rise Time
0.1
450
µS
Required for device reset
Current (MIPI Digital Inputs)
50
µA
Leakage Current
10
µA
Operating Ambient Temperature (TA)
-20
25
+85
°C
Note 1:
VCC down to 0.5V may be used for backed-off power levels when using a DC-DC converter to reduce low power current drain.
For operation at VBATT = 3.1V, de-rate Max POUT by 1.0dB if VCC also equals 3.1V.
The LPM switch point is recommended at +13.5dBm.
LPM can be operated at higher power levels with different bias states and VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com