Electronic Components Datasheet Search
  English  ▼

X  

RF5410 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5410
Description  LTE MMMB PA Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5410 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5410 Datasheet HTML 1Page - RF Micro Devices RF5410 Datasheet HTML 2Page - RF Micro Devices RF5410 Datasheet HTML 3Page - RF Micro Devices RF5410 Datasheet HTML 4Page - RF Micro Devices RF5410 Datasheet HTML 5Page - RF Micro Devices RF5410 Datasheet HTML 6Page - RF Micro Devices RF5410 Datasheet HTML 7Page - RF Micro Devices RF5410 Datasheet HTML 8Page - RF Micro Devices RF5410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20160809
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
RFMD + TriQuint = Qorvo
4 of 33
Parameter
Specification
Unit
Condition
Min
Typ
Max
MB: Band 1, 2, 3, 4
WCDMA
Nominal test conditions unless otherwise stated.
All unused ports terminated in 50Ω.
TA=+25°C; VBATT=3.8V; VCC=3.4V; Mode=HPM
Modulation: Rel99
Frequency
1920
1980
MHz
Band 1
1850
1910
MHz
Band 2
1710
1785
MHz
Band 3
1710
1755
MHz
Band 4
Maximum Linear
Output Power
Band 1, 4
28.0
dBm
HPM, VCC = 3.4V
Band 2, 3
28. 5
dBm
HPM, Vcc = 3.4V
Band 1, 2, 3, 4
13.5
dBm
LPM, VCC = 1.15V
Band 1, 2, 3, 4
0
dBm
LPM, VCC = 0.7V
Gain
Band 1 2, 3, 4
25.5
27.0
dB
HPM, POUT = 28.0dBm, VCC = 3.4V
22.0
dB
LPM, POUT = 13.5dBm, VCC = 1.15V
17.0
dB
LPM, POUT = 0dBm, VCC = 0.7V
PA Current
575
mA
HPM, POUT = 28.5dBm, VCC = 3.4V
110
mA
LPM, POUT = 13.5dBm, VCC = 1.15V
30
mA
LPM, POUT = 0dBm, VCC = 0.7V
PA Efficiency (PAE)
35
%
HPM, POUT = 28.5dBm, VCC = 3.4V
ACLR1 (+5MHz)
-45
-37
dBc
HPM, POUT =28.5dBm, VCC = 3.4V
-45
-38
dBc
LPM, POUT = 13.5dBm, VCC = 1.15V
ACLR2 (+10MHz)
-56
-48
dBc
HPM, POUT = 28.5dBm, VCC = 3.4V
-58
-48
dBc
LPM, POUT = 13.5dBm, VCC = 1.15V
EVM
1.0
%
Pout ≤ Pmax
Noise Power
B1 Rx Band
-135
dBm/Hz
Measure power at Rx Duplex Freq
2110MHz to 2170MHz
B2 Rx Band
-132
dBm/Hz
Measure power at Rx Duplex Freq
1930MHz to 1990MHz
B3 Rx Band
-130
dBm/Hz
Measure power at Rx Duplex Freq
1805MHz to 1880MHz
B4 Rx Band
-135
dBm/Hz
Measure power at Rx Duplex Freq
2110MHz to 2155MHz
GPS Band
-140
dBm/Hz
Measure power at Rx Band
Freq = 1574MHz to 1577MHz
ISM Band
-143
dBm/Hz
Measure power at Rx Band
Freq = 2400MHz to 2484MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com