Electronic Components Datasheet Search
  English  ▼

X  

RF5410 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5410
Description  LTE MMMB PA Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5410 Datasheet(HTML) 5 Page - RF Micro Devices

  RF5410 Datasheet HTML 1Page - RF Micro Devices RF5410 Datasheet HTML 2Page - RF Micro Devices RF5410 Datasheet HTML 3Page - RF Micro Devices RF5410 Datasheet HTML 4Page - RF Micro Devices RF5410 Datasheet HTML 5Page - RF Micro Devices RF5410 Datasheet HTML 6Page - RF Micro Devices RF5410 Datasheet HTML 7Page - RF Micro Devices RF5410 Datasheet HTML 8Page - RF Micro Devices RF5410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20160809
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
RFMD + TriQuint = Qorvo
5 of 33
Parameter
Specification
Unit
Condition
Min
Typ
Max
MB: Band 1, 2, 3, 4
WCDMA
P.2
Nominal test conditions unless otherwise stated.
All unused ports terminated in 50Ω.
TA=+25°C; VBATT=3.8V; VCC=3.4V
Mode=HPM; Modulation: Rel99
Harmonics, 2fo
-48
dBc
POUT ≤ Pmax, all power outs
Harmonics, 3fo
-49
dBc
POUT ≤ Pmax, all power outs
Harmonics, 4fo and higher
-60
dBc
POUT ≤ Pmax, all power outs
Input impedance VSWR
1.8:1
VSWR
No External matching
Gain Switching Time
10
µS
Time required for output power to settle to within ±1dB of
the final output power for any gain mode transition.
Insertion Phase Shift
5
°
Phase shift at 13.5dBm when switching from HPM to
LPM
Stability, Spurious Output Levels
-70
dBc
Output Load VSWR = 6:1, All phase angles
PIN ≤ 10dBm, PFWD ≤ Max Pout
Temp -20 to +85C, Vbatt = Vcc = 3.0 to 4.6V
Ruggedness
No damage or permanent degradation to device
Output Load VSWR = 10:1, All phase angles
PFWD ≤ Max Pout, Closed Loop Conditions
Temp -20 to +85C, Vbatt = Vcc = 4.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com