Electronic Components Datasheet Search
  English  ▼

X  

TH71221 Datasheet(PDF) 36 Page - Melexis Microelectronic Systems

Part # TH71221
Description  FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 36 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 32Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 33Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 34Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 35Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 36Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 37Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 38Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 39Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 40Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 36 of 44
Data Sheet
Rev. 009
Nov/15
7.6
ASK Application Circuit Programmable User Mode (peak detector option)
Fig. 17: Test circuit for ASK operation in Programmable User Mode (internal Peak Detector option)
Software Settings for ASK
Channel
frequency
fRO = 8.0000MHz
CPCUR
VCOCUR
RR
NR
RT
NT
RX
TX
RX
TX
315.00 MHz
80
3043
8
315
260µA
1300µA
300 µA
900µA
434.00 MHz
80
4233
8
434
260µA
1300µA
300 µA
900µA
915.00 MHz
80
9043
8
915
260µA
1300µA
300 µA
900µA
C6
R2
R1
CB7
C5
CRX0
CTX0
CB2
C2
L1
CB1
C1
LTX0
CTX4
SDEN
SDTA
SCLK
RSSI
ASK
input
XTAL CX1
Lock
detect
L0
RX_IN
TX_OUT
ASK
output
Combining
network
3wire bus
CB6
CF2
CF1
RF
CB0
VCC
C0
CB5
TH71221
9
10
11
12
13
14
15
16
8
1
2
3
4
5
6
7
32L QFN 5x5
VEE_RO
RO
FSK_SW
IN_DTA
ASK/FSK
VCC_DIG
RE/SCLK
GAIN_LNA
VEE_IF
IN_MIX
OUT_MIX
OUT_PA
OUT_LNA
VEE_LNA
IN_LNA
32
31
30
29
28
27
26
25
RB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com