Electronic Components Datasheet Search
  English  ▼

X  

TH71221 Datasheet(PDF) 38 Page - Melexis Microelectronic Systems

Part # TH71221
Description  FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 38 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 34Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 35Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 36Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 37Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 38Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 39Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 40Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 41Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 42Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 38 of 44
Data Sheet
Rev. 009
Nov/15
8
Extended Frequency Range
The operating frequency range of 300 MHz to 930 MHz can be covered without the use of an additional VCO
varactor diode. A frequency range extension down to 27 MHz can be realized by adding an external varactor
diode to the VCO tank.
Fig. 18: VCO tank circuit for
extended frequency range
8.1
Board Component List (Fig. 18)
Part
Size
Value @
27 MHz
Value @
40 MHz
Value @
80 MHz
Value @
144 MHz
Value @
170 MHz
Description
C0
0805
NIP
NIP
NIP
NIP
NIP
VCO tank capacitor
C01
0805
1 nF
1 nF
68 pF
100pF
100 pF
VCO tank capacitor
CB2
0603
330 pF
330 pF
330 pF
330 pF
330 pF
de-coupling capacitor
VD1
SOD-323
BBY65
BBY65
BB639
BB833
BB535
varactor diode
CF1
0605
1 µF
1 µF
1µF
1µF
1µF
loop filter capacitor
CF2
0605
220 nF
100 nF
100nF
100 nF
100 nF
loop filter capacitor
CTX4
0605
NIP
33 pF
18pF
10 pF
8.2 pF
TX impedance matching capacitor
RB0
0605
100
100
100
100
100
protection resistor
R01
0805
22
22
0
0
0
VCO tank resistor
RF
0805
1.8 k
1.8 k
1.8 k
2.7 k
390
loop filter resistor
RF1
0805
10 k
10 k
10 k
10 k
10 k
loop filter resistor
RPS
0805
15 k
15 k
15 k
22 k
33 k
power-select resistor
CTX0
0805
10 nF
10 nF
10 nF
1 nF
220 pF
TX coupling capacitor
CRX0
0805
10 nF
10 nF
10 nF
1 nF
220 pF
RX coupling capacitor
L0
0805
1.2 µH
1.0 µH
220 nH
100 nH
47 nH
VCO tank inductor
LTX0
0805
2.2 µH
330 nH
220 nH
100 nH
100 nH
TX impedance matching inductor
CB6
0805
10 nF
10 nF
10 nF
1 nF
1 nF
de-coupling capacitor
CB7
0805
100 nF
100 nF
100 nF
100 nF
100 nF
de-coupling capacitor
fR
25 kHz
25 kHz
25 kHz
25 kHz
100 kHz
frequency resolution
NT
1080
1600
3200
5760
1700
NT counter
NR
1508
2028
2772
5332
1807
NR counter
LO injection
high
high
low
low
high
Note: The component values are optimized for the above listed settings of fR, NR and NT. Direct VCO modu-
lation as explained in section 3.3.5 must be applied.
VCC
VCC
CB7
CRX0
CTX0
CB2
LTX0
CTX4
13
14
15
16
TH71121
TH71221
IN_DTA
ASK/FSK
VCC_DIG
RE/SCLK
GAIN_LNA
OUT_PA
OUT_LNA
VEE_LNA
IN_LNA
29
28
27
26
25
L0
C0
RB0
RPS
C01
R01
VD1
RF
CB6
Lock
detect
RX_IN
TX_OUT
SDEN
SDTA
SCLK
3wire bus
Combining
network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com