Electronic Components Datasheet Search
  English  ▼

X  

TH71221 Datasheet(PDF) 17 Page - Melexis Microelectronic Systems

Part # TH71221
Description  FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 17 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 13Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 14Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 15Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 16Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 17Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 18Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 19Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 20Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 21Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 17 of 44
Data Sheet
Rev. 009
Nov/15
3.3.5 FSK Modulation
FSK modulation via crystal pulling
FSK modulation can be achieved by pulling the crystal oscillator
frequency. A CMOS-compatible data stream applied at pin
IN_DTA digitally modulates the XOSC via an integrated NMOS
switch. Two external pulling capacitors CX1 and CX2 allow the
FSK deviation
f and center frequency fc to be adjusted inde-
pendently. At IN_DTA = LOW CX2 is connected in parallel to CX1
leading to the low-frequency component of the FSK spectrum
(fmin); while at IN_DTA = HIGH CX2 is deactivated and the XOSC
is set to its high frequency, leading to fmax.
IN_DTA
Description
0
fmin = fc - f (FSK switch is closed)
1
fmax = fc + f (FSK switch is open)
Fig. 9:
Crystal Pulling Circuit
An external reference signal can be directly AC-coupled to the reference oscillator input pin RO. Then the
transceiver is used without a XTAL. Now the reference signal sets the carrier frequency and has to contain
the FSK (or FM) modulation
FSK modulation via direct VCO modulation
Alternatively FSK or FM can be achieved by injecting the modu-
lating signal into the loop filter to directly control the VCO fre-
quency. Fig. 10 shows a circuit proposal for direct VCO modula-
tion. This circuit is recommended for data rates in excess of about
20 kbps NRZ. An external VCO tuning varactor should be added
for narrow-band applications, for example at channel spacings of
25 kHz. For details please refer to the application notes “TH7122
and TH71221 High Speed Data Communication” and “TH7122
and TH71221 Used In Narrow Band FSK Applications” as well as
to the “TH7122 and TH71221 Cookbook”
Fig. 10: Circuit schematic for direct VCO modulation
3.3.6 Crystal Tuning
A crystal is tuned by the manufacturer to the re-
quested oscillation frequency f0 for a certain load
capacitance CL within the specified calibration
tolerance. The only way to tune this oscillation
frequency is to vary the effective load capacitance
CLeff seen by the crystal.
Figure 8 shows the oscillation frequency of a crys-
tal in dependency on the effective load capaci-
tance. This capacitance changes in accordance
with the logic level of IN_DTA around the specified
load capacitance. The figure illustrates the rela-
tionship between the external pulling capacitors
and the frequency deviation.
Fig. 11: Crystal Tuning Characteristic
fmin
fo
f
fmax
eff
CL
eff
CL
R1
C1
C0
L1
XTAL
CL
CX1 CRO
CX1+CRO
(CX1+CX2) CRO
CX1+CX2+CRO
36pF
XTAL
RO
CX1
VCC
36pF
VEE
IRO
FSKSW
CX2
TNK_LO
VCC_PLL
VEE_DIG
VEE_PLL
LF
FS1/LD
17
18
19
20
21
22
23
24
L0
CB6
IN_DTA
CF2
CF1
RF
CM1
RM1
FS0/SDEN
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com