Electronic Components Datasheet Search
  English  ▼

X  

TH71221 Datasheet(PDF) 26 Page - Melexis Microelectronic Systems

Part # TH71221
Description  FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 26 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 22Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 23Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 24Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 25Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 26Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 27Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 28Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 29Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 30Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 26 of 44
Data Sheet
Rev. 009
Nov/15
6
Technical Data
6.1
Absolute Maximum Ratings
Operation beyond absolute maximum ratings may cause permanent damage of the device.
Parameter
Symbol
Condition / Note
Min
Max
Unit
Supply voltage
VCC
-0.3
6.0
V
Input voltage
VIN
-0.3
Vcc+0.3
V
Input RF level
PiRF
@ LNA input
10
dBm
Storage temperature
TSTG
-40
+125
°C
Junction temperature
TJ
+150
°C
Power dissipation
Pdiss
0.25
W
Thermal Resistance
RthJA
60
K/W
Electrostatic discharge
VESD1
human body model, 1)
-1.0
+1.0
kV
Electrostatic discharge
VESD2
human body model, 2)
-0.75
+0.75
kV
1) all pins, except LF, TNK_LO, VCC_PLL and FS1/LD
2) pins LF, TNK_LO, VCC_PLL and FS1/LD
6.2
Normal Operating Conditions
Parameter
Symbol
Condition
Min
Max
Unit
Supply voltage
VCC
2.2
5.5
V
Operating temperature
TA
-40
+85
ºC
Input low voltage (CMOS)
pins IN_DTA, ASK/FSK,
RE/SCLK, TE/SDTA, FS0/SDEN,
FS1/LD
VIL
VIL_FS1/LD only
in Stand-alone user
mode
0.3*VCC
V
Input high voltage (CMOS)
pins IN_DTA, ASK/FSK,
RE/SCLK, TE/SDTA, FS0/SDEN,
FS1/LD
VIH
VIH_FS1/LD only
in Stand-alone user
mode
0.7*VCC
V
Transmit frequency range
fTX
300
930
MHz
Receive frequency range
fRX
300
930
MHz
VCO frequency
fVCO
Set by tank configuration
300
930
MHz
IF range
fIF
| fRX - fVCO |
0.4
22
MHz
FSK demodulator operating range fIF_FSK
2
22
MHz
RO frequency
fRO
Set by crystal
3
12
MHz
PFD comparison frequency
fR
Set by crystal and
R-counter
0.003
1
MHz
Frequency deviation
f
at FM or FSK
2.5
80
kHz
FSK data rate
RFSK
w/ crystal pulling, NRZ
20
kbps
w/ direct VCO mod., NRZ
115
kbps
ASK data rate
RASK
NRZ
40
kbps
FM bandwidth
fm
10
kHz
VCO gain
fRF= 433.92MHz
KVCO
14
23
MHz/V
fRF= 868.3MHz
28
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com