Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF80IRMPR Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF80IRMPR
Description  Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF80IRMPR Datasheet(HTML) 59 Page - Texas Instruments

Back Button ADC32RF80IRMPR Datasheet HTML 55Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 56Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 57Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 58Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 59Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 60Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 61Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 62Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 136 page
background image
59
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.4.2.5 JESD204B Frame Assembly with Decimation (Single-Band DDC): Real Output
Table 19 lists the available JESD204B formats and valid ranges for the ADC32RF8x with decimation (dual-band
DDC) when using a complex output format. The sample alignment on the different lanes is shown in Table 20.
Table 19. JESD Mode Options: Single-Band Real Output
DECIMATION
SETTING
(Complex)
NUMBER OF
ACTIVE DDCS
L
M
F
S
PLL
MODE
JESD
MODE0
JESD
MODE1
JESD
MODE2
RATIO
[fSerDes / fCLK
(Gbps / GSPS)]
Divide-by-8
(Divide-by-4 real)
1 per channel
4
2
1
1
20X
1
1
0
2.5
4
2
2
2
20X
1
0
0
2
2
2
1
40X
0
0
1
5
2
2
4
2
40X
2
0
0
Divide-by-9
(Divide-by-4.5 real)
1 per channel
4
2
1
1
20X
1
1
0
2.22
4
2
2
2
20X
1
0
0
2
2
2
1
40X
0
0
1
4.44
2
2
4
2
40X
2
0
0
Divide-by-10
(Divide-by-5 real)
1 per channel
4
2
1
1
20X
1
1
0
2
4
2
2
2
20X
1
0
0
2
2
2
1
40X
0
0
1
4
2
2
4
2
40X
2
0
0
Divide-by-12
(Divide-by-6 real)
1 per channel
4
2
1
1
20X
1
1
0
1.67
4
2
2
2
20X
1
0
0
2
2
2
1
40X
0
0
1
3.33
2
2
4
2
40X
2
0
0
Divide-by-16
(Divide-by-8 real)
1 per channel
4
2
1
1
20X
1
1
0
1.25
4
2
2
2
20X
1
0
0
2
2
2
1
40X
0
0
1
2.5
2
2
4
2
40X
2
0
0
Divide-by-18
(Divide-by-9 real)
1 per channel
4
2
1
1
20X
1
1
0
1.11
4
2
2
2
20X
1
0
0
2
2
2
1
40X
0
0
1
2.22
2
2
4
2
40X
2
0
0
Divide-by-20
(Divide-by-10 real)
1 per channel
4
2
1
1
20X
1
1
0
1
4
2
2
2
20X
1
0
0
2
2
2
1
40X
0
0
1
2
2
2
4
2
40X
2
0
0
Divide-by-24
(Divide-by-12 real)
1 per channel
2
2
2
1
40X
0
0
1
1.67
2
2
4
2
40X
2
0
0
Divide-by-32
(Divide-by-16 real)
1 per channel
2
2
2
1
40X
0
0
1
1.25
2
2
4
2
40X
2
0
0
Table 20. JESD Sample Lane Assignment: Single-Band Real Output
OUTPUT
LANE
LMFS =
4211
LMFS = 4222
LMFS = 2221
LMFS = 2242
DA0
A0[15:8]
A0[15:8]
A0[7:0]
DA1
A0[7:0]
A1[15:8]
A1[7:0]
A0 [15:8]
A0[7:0]
A0[15:8]
A0[7:0]
A1[15:8]
A1[7:0]
DB0
B0[15:8]
B0[15:8]
B0[7:0]
DB1
B0[7:0]
B1[15:8]
B1[7:0]
B0[15:8]
B0[7:0]
B0[15:8]
B0[7:0]
B1[15:8]
B1[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com