Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF80IRMPR Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF80IRMPR
Description  Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF80IRMPR Datasheet(HTML) 75 Page - Texas Instruments

Back Button ADC32RF80IRMPR Datasheet HTML 71Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 72Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 73Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 74Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 75Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 76Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 77Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 78Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 136 page
background image
75
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.1 Example Register Writes
This section provides three different example register writes. Table 28 describes a global power-down register
write, Table 29 describes the register writes when the scrambler is enabled, and Table 30 describes the register
writes for 8X decimation for channels A and B (complex output, 1 DDC mode) with the NCO set to 1.8 GHz (fS =
3 GSPS) and the JESD format configured to LMFS = 4421.
Table 28. Global Power-Down
ADDRESS
DATA
COMMENT
12h
04h
Set the master page
20h
01h
Set the global power-down
Table 29. Scrambler Enable
ADDRESS
DATA
COMMENT
4004h
69h
Select the digital JESD page
4003h
00h
6006h
80h
Scrambler enable, channel A
7006h
80h
Scrambler enable, channel B
Table 30. 8X Decimation for Channel A and B
ADDRESS
DATA
COMMENT
4004h
68h
Select the main digital page for channel A
4003h
00h
6000h
01h
Issue a digital reset for channel A
6000h
00h
Clear the digital for reset channel A
4003h
01h
Select the main digital page for channel B
6000h
01h
Issue a digital reset for channel B
6000h
00h
Clear the digital reset for channel B
4004h
69h
Select the digital JESD page
4003h
00h
6002h
01h
Set JESD MODE0 = 1, channel A
7002h
01h
Set JESD MODE0 = 1, channel B
5000h
01h
Enable the DDC, channel A
5001h
02h
Set decimation to 8X complex
5007h
9Ah
Set the LSB of DDC0, NCO1 to 9Ah (fNCO = 1.8 GHz, fS = 3 GSPS)
5008h
99h
Set the MSB of DDC0, NCO1 to 99h (fNCO = 1.8 GHz, fS = 3 GSPS)
5014h
01h
Enable the 6-dB digital gain of DDC0
5801h
02h
Set decimation to 8X complex
5807h
9Ah
Set the LSB of DDC0, NCO1 to 9Ah (fNCO = 1.8 GHz, fS = 3 GSPS)
5808h
99h
Set the MSB of DDC0, NCO1 to 99h (fNCO = 1.8 GHz, fS = 3 GSPS)
5814h
01h
Enable the 6-dB digital gain of DDC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com