Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF80IRMPR Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF80IRMPR
Description  Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF80IRMPR Datasheet(HTML) 67 Page - Texas Instruments

Back Button ADC32RF80IRMPR Datasheet HTML 63Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 64Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 65Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 66Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 67Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 68Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 69Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 70Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 136 page
background image
R/W
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Register Address [7:0]
Register Data [7:0]
SDIN
SCLK
SEN
RESET
A11 A10
A9
A8
A7
A6
M
P
CH
0
1
0
1
0/1
0/1
0
0
R/W
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Register Address [11:0]
Register Data [7:0] = XX
SDIN
SCLK
SEN
RESET
A11
A10
A9
A8
A7
A6
M
P
CH
1
1
1
0
D7
D6
D5
D4
D3
D2
D1
D0
SDOUT
SDOUT [7:0]
67
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.4.3.4 Serial Register Readout: Digital Bank
Readback of the register in one of the digital banks (as shown in Figure 141) can be accomplished by:
1. Driving the SEN pin low.
2. Selecting the page in the digital page: follow step 2 in the Serial Register Write: Digital Bank section.
3. Set the R/W, M, and P bits to 1, select channel A or channel B, and write the address to be read back.
–
JESD digital page: use the CH bit to select channel B (CH = 0) or channel A (CH = 1).
4. Read back the register content on the SDOUT pin. When a page is selected, multiple read backs from the
same page can be done.
Figure 141. SPI Read Timing Diagram for the Digital Bank
8.4.3.5 Serial Register Write: Decimation Filter and Power Detector Pages
The decimation filter and power detector pages are special pages that accept direct addressing. The sampling
clock and SYSREF signal are required to properly configure the decimation settings. Registers located in these
pages can be programmed in one SPI cycle (Figure 142).
1. Drive the SEN pin low.
2. Directly write to the decimation filter or power detector pages. To program registers in these pages, set M = 1
and CH = 1. Additionally, address bit A[10] selects the decimation filter page (A[10] = 0) or the power
detector page (A[10] = 1). Address bit A[11] selects channel A (A[11] = 0) or channel B (A[11] = 1).
–
Decimation filter page: write address 50xxh for channel A or 58xxh for channel B.
–
Power detector page: write address 54xxh for channel A or 5Cxxh for channel B.
Example: Writing address 5001h with 02h selects the decimation filter page for channel A and programs
decimation factor of divide-by-8 (complex output).
Figure 142. SPI Write Timing Diagram for the Decimation and Power Detector Pages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com