Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF80IRMPR Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF80IRMPR
Description  Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF80IRMPR Datasheet(HTML) 97 Page - Texas Instruments

Back Button ADC32RF80IRMPR Datasheet HTML 93Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 94Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 95Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 96Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 97Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 98Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 99Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 100Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 136 page
background image
97
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.11.13 Register 03Eh (address = 03Eh), JESD Digital Page
Figure 186. Register 03Eh
7
6
5
4
3
2
1
0
0
MASK CLKDIV SYSREF
MASK NCO SYSREF
0
0
0
0
0
W-0h
R/W-0h
R/W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 71. Register 03Eh Field Descriptions
Bit
Field
Type
Reset
Description
7
0
W
0h
Must write 0
6
MASK CLKDIV SYSREF
R/W
0h
Use this bit to mask the SYSREF going to the input clock
divider.
0 = Input clock divider is reset when SYSREF is asserted (that
is, when SYSREF transitions from low to high)
1 = Input clock divider ignores SYSREF assertions
5
MASK NCO SYSREF
R/W
0h
Use this bit to mask the SYSREF going to the NCO in the DDC
block and LMFC counter of the JESD interface.
0 = NCO phase and LMFC counter are reset when SYSREF is
asserted (that is, when SYSREF transitions from low to high)
1 = NCO and LMFC counter ignore SYSREF assertions
4-0
0
W
0h
Must write 0
8.5.12 Decimation Filter Page
Direct Addressing, 16-Bit Address, 5000h for Channel A, 5800h for Channel B
8.5.12.1 Register 000h (address = 000h), Decimation Filter Page
Figure 187. Register 000h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
DDC EN
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 72. Register 000h Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
W
0h
Must write 0
0
DDC EN
R/W
0h
This bit enables the decimation filter and disables the bypass
mode.
0 = Do not use
1 = Decimation filter enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com