Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF80IRMPR Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF80IRMPR
Description  Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF80IRMPR Datasheet(HTML) 73 Page - Texas Instruments

Back Button ADC32RF80IRMPR Datasheet HTML 69Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 70Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 71Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 72Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 73Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 74Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 75Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 76Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 136 page
background image
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
73
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Register Maps (continued)
Table 27. Register Map (continued)
REGISTER
ADDRESS
A[11:0] (Hex)
REGISTER DATA
7
6
5
4
3
2
1
0
POWER DETECTOR PAGE (Direct Addressing, 16-Bit Address, 5400h for Channel A and 5C00h for Channel B)
000
0
0
0
0
0
0
0
PKDET EN
001
BLKPKDET [7:0]
002
BLKPKDET [15:8]
003
0
0
0
0
0
0
0
BLKPKDET [16]
007
BLKTHHH
008
BLKTHHL
009
BLKTHLH
00A
BLKTHLL
00B
DWELL[7:0]
00C
DWELL[15:8]
00D
0
0
0
0
0
0
0
FILT0LPSEL
00E
0
0
0
0
TIMECONST
00F
FIL0THH[7:0]
010
FIL0THH[15:8]
011
FIL0THL[7:0]
012
FIL0THL[15:8]
013
0
0
0
0
0
0
0
IIR0 2BIT EN
016
FIL1THH[7:0]
017
FIL1THH[15:8]
018
FIL1THL[7:0]
019
FIL1THL[15:8]
01A
0
0
0
0
0
0
0
IIR1 2BIT EN
01D
DWELLIIR[7:0]
01E
DWELLIIR[15:8]
020
0
0
0
0
0
0
0
IIR0 2BIT EN
021
0
0
0
PWRDETACCU
022
PWRDETH[7:0]
023
PWRDETH[15:8]
024
PWRDETL[7:0]
025
PWRDETL[15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com