Electronic Components Datasheet Search
  English  ▼

X  

PI6C103 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C103
Description  Precision Clock Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C103 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C103 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
226
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8315-2
04/08/99
PI6C103
Precision Clock Synthesizer for Mobile PCs
Notes:
1. All timing is referenced to the CPUCLK.
2. PCI_STOP# signal is an input signal which must be made synchronous to PCI_F output.
3 Internal means inside the chip.
4. All other clocks continiue to run undisturbed.
5. PWR_DWN# CPU_STOP# are shown in a high state.
6. Diagrams shown with respect to 66 MHz. Similar operation as CPU = 100 MHz.
PCI_STOP# is an input signal used to turn off PCI clocks for low
power operation. PCI clocks are stopped in the low state and started
PCI_STOP# Timing Diagram
Notes:
1. All timing is referenced to the CPUCLK.
2. The Internal label means inside the chip and is a reference only.
3. PWR_DWN# is an asynchronous input and metastable conditions could exist. The signal is synchronized inside the part.
4. The Shaded sections on the VCO and the Crystal signals indicate an active clock.
5. Diagrams shown wth respect to 66 MHz. Similar operations as CPU = 100 MHz.
PWR_DWN#TimingDiagram
The PWR_DWN# is used to place the device in a very low power
state. PWR_DWN# is an asynchronous active low input. Internal
clocks are stopped after the device is put in power-down mode.
CPUCLK
(Internal)
PCICLK
(Internal)
PCICLK_F
(Free-running)
CPU_STOP#
PCI_STOP#
PWR_DWN#
PCICLK
(External)
CPUCLK
(Internal)
PCICLK
(Internal)
VCO
PWR_DWN#
CPUCLK
(External)
PCICLK
(External)
Crystal
with a guaranteed full high pulse width. There is ONLY one rising
edge of external PCICLK after the clock control logic.
The power-on latency is less than 3ms. PCI_STOP# and
CPU_STOP# are “don’t cares” during the power-down operations.
The REF clock is stopped in the LOW state as soon as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com