Electronic Components Datasheet Search
  English  ▼

X  

PI6C103 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C103
Description  Precision Clock Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C103 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C103 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
224
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8315-2
04/08/99
PI6C103
Precision Clock Synthesizer for Mobile PCs
#
6
6
/
0
0
1
L
E
S]
1
:
0
[
K
L
C
U
P
C
0z
H
M
6
6
1z
H
M
0
0
1
Select Functions
Clock Enable Configuration
#
P
O
T
S
_
U
P
C#
P
O
T
S
_
I
C
P#
N
W
D
_
R
W
P
K
L
C
U
P
C
]
1
:
0
[
K
L
C
I
C
P
]
5
:
1
[
F
_
K
L
C
I
C
P
r
e
h
t
O
s
k
c
o
l
C
l
a
t
s
y
r
Cs'
O
C
Vz
H
M
8
4
XX
0
w
o
lw
o
lw
o
ld
e
p
p
o
t
sff
off
off
o
00
1
w
o
lw
o
lz
H
M
3
3g
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
r
01
1
w
o
lz
H
M
3
3z
H
M
3
3g
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
r
10
1
z
H
M
6
6
/
0
0
1w
o
lz
H
M
3
3g
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
r
11
1
z
H
M
6
6
/
0
0
1z
H
M
3
3z
H
M
3
3g
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
r
#
S
T
n
o
it
c
n
u
F
n
o
it
p
i
r
c
s
e
D
s
t
u
p
t
u
O
U
P
CF
_
I
C
P
,I
C
PF
E
RM
4
2
/
8
4M
8
4
0Z
-i
HZ
-i
HZ
-i
HZ
-i
HZ
-i
HZ
-i
H
1l
a
m
r
o
Nz
H
M
6
6
/
0
0
1z
H
M
3
3z
H
M
8
1
3
.
4
1z
H
M
4
2
/
8
4z
H
M
8
4
Function Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com