Electronic Components Datasheet Search
  English  ▼

X  

PI6C103 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C103
Description  Precision Clock Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C103 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C103 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
222
PS8315-2
04/08/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C103
Precision Clock Synthesizer
for Mobile PCs
PCICLK_F
PCICLK1
XTAL_OUT
PCICLK2
PCICLK3
VSS
VDD
PCICLK4
PCICLK5
VDD
48 MHz
48-24MHz/TS#
VDD
REF0/Spread#
VDD2
CPUCLK1
VSS2
VSS
PCI_STOP#
VDD
CPU_STOP#
PWR_DWN#
SEL100/66#
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VSS
XTAL_IN
CPUCLK0
REF1/SEL48#
PinConfiguration
BlockDiagram
Description
The PI6C103 is a high-speed, low-noise clock generator designed
to work with the PI6C18X clock buffer to meet all clock needs
for Mobile Intel Architecture platforms. System clock frequencies
of 66.6 MHz and 100 MHz are supported.
Split supplies of 3.3V and 2.5V are used. The 3.3V power supply
powers everything except the CPU clock. The 2.5V power supply is
usedtopowertheCPUCLKoutputs.2.5VsignalingfollowsJEDEC
standard 8-X. Power sequencing of the 3.3V and 2.5V supplies is
not required.
An asynchronous PWR_DWN# signal may be used to orderly
power down (or up) the system. CPU and PCI clocks may also be
stopped by the CPU_STOP# and PCI_STOP# signals.
The PI6C103 contains the Spread Spectrum function for only those
clocks that synchronize to the CPU clocks (CPU and PCI clocks).
28-Pin
H, L
Features
• Two copies of CPU clock
• 100 MHz or 66.6 MHz operation
• Six copies of PCI clock, (synchronous with CPU clock)
• Two copies of REF clock @ 14.31818 MHz
• One copy of 48 MHz
• One copy of selectable 48/24 MHz
• Power management control input pins
• Isolated core VDD, VSS pins for noise reduction
• 28-pin SSOP (H) and TSSOP (L) packages
REF
[0:1]
PCICLK
[1:5]
CPUCLK
[0:1]
REF
OSC
CPU_STOP#
2
2
5
PCICLK_F
48 MHz
48/24 MHz
PCI_STOP#
DIV
÷2
PLL1
XTAL_OUT
XTAL_IN
SEL100/66#
SEL48#
SPREAD#
PWR_DWN#
MUX
PLL2
TS#
• SSC Options:
Device
66MHz
100MHz
PI6C103
–0.67%
–0.65%
PI6C103-05
–1.35%
–1.35%
PI6C103-06
–1.79%
–1.79%


Similar Part No. - PI6C103

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C100 PERICOM-PI6C100 Datasheet
584Kb / 13P
Precision Clock Synthesizer for Desktop PC’s
PI6C100V PERICOM-PI6C100V Datasheet
584Kb / 13P
Precision Clock Synthesizer for Desktop PC’s
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
Precision Clock Synthesizer for Mobile PCs
PI6C102H PERICOM-PI6C102H Datasheet
588Kb / 11P
Precision Clock Synthesizer for Mobile PCs
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
Spread Spectrum Clock Synthesizer for Desktop Pentium II
More results

Similar Description - PI6C103

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
HDTV Clock Synthesizer
Revision 081199
logo
Pericom Semiconductor C...
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
Precision Clock Synthesizer for Mobile PCs
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
ICS1527 ICST-ICS1527 Datasheet
625Kb / 11P
Video Clock Synthesizer
Revision 110905
logo
Pericom Semiconductor C...
PI6C100 PERICOM-PI6C100 Datasheet
584Kb / 13P
Precision Clock Synthesizer for Desktop PC’s
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
Precision Clock Synthesizer for Mobile PCs
logo
Micrel Semiconductor
SY89529L MICREL-SY89529L Datasheet
169Kb / 11P
3.3V 200MHz PRECISION SPREADSPECTRUM CLOCK SYNTHESIZER
logo
Diodes Incorporated
PI6C6612 DIODES-PI6C6612 Datasheet
367Kb / 5P
3.3V Precision Audio Clock Synthesizer
11/12/08
logo
Renesas Technology Corp
ICS650-11 RENESAS-ICS650-11 Datasheet
274Kb / 9P
NETWORKING CLOCK SYNTHESIZER
012313
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com