Electronic Components Datasheet Search
  English  ▼

X  

PI6C103 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C103
Description  Precision Clock Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C103 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C103 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
228
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8315-2
04/08/99
PI6C103
Precision Clock Synthesizer for Mobile PCs
DC Operating Specifications
l
o
b
m
y
Ss
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C.
n
i
M.
x
a
Ms
ti
n
U
V D
D
%
5
±
V
3
.
3
=
V H
I
e
g
a
tl
o
v
h
g
i
h
t
u
p
n
IV D
D
0
.
2V D
D
3
.
0
+
V
V L
I
e
g
a
tl
o
v
w
o
l
t
u
p
n
IV S
S
3
.
0
-8
.
0
I L
I
t
n
e
rr
u
c
e
g
a
k
a
el
t
u
p
n
IV
<
0
N
I
V
<
D
D
5
-5
+
V D
D
5
.
2
=%
5
±
V
V H
O
e
g
a
tl
o
v
h
g
i
h
t
u
p
t
u
OI H
O
A
m
1
-
=0
.
2
V
V L
O
e
g
a
tl
o
v
w
o
l
t
u
p
t
u
OI L
O
A
m
1
=4
.
0
V D
D
%
5
±
V
3
.
3
=
V H
O
e
g
a
tl
o
v
h
g
i
h
t
u
p
t
u
OI H
O
A
m
1
-
=0
.
2
V
V L
O
e
g
a
tl
o
v
w
o
l
t
u
p
t
u
OI L
O
A
m
1
=4
.
0
V D
D
3
.
3
=%
5
±
V
V H
O
P
e
g
a
tl
o
v
h
g
i
h
t
u
p
t
u
o
s
u
B
I
C
PI H
O
A
m
1
-
=4
.
2
V
V L
O
P
e
g
a
tl
o
v
w
o
l
t
u
p
t
u
o
s
u
B
I
C
PI L
O
A
m
1
=5
5
.
0
C N
I
e
c
n
a
ti
c
a
p
a
c
n
i
p
t
u
p
n
I5
F
p
C
L
A
T
X
e
c
n
a
ti
c
a
p
a
c
s
n
i
p
l
a
t
X0
.
3
15
.
2
2
C T
U
O
e
c
n
a
ti
c
a
p
a
c
n
i
p
t
u
p
t
u
O6
L N
I
P
e
c
n
a
t
c
u
d
n
I
n
i
P7
H
n
TA
e
r
u
t
a
r
e
p
m
e
T
t
n
ei
b
m
Aw
o
lf
ri
a
o
N0
0
7C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com